công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83867CSRGZR bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện DP83867CSRGZR
Giải thích chi tiết về linh kiện  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  DP83867CSRGZR Datasheet HTML 1Page - Texas Instruments DP83867CSRGZR Datasheet HTML 2Page - Texas Instruments DP83867CSRGZR Datasheet HTML 3Page - Texas Instruments DP83867CSRGZR Datasheet HTML 4Page - Texas Instruments DP83867CSRGZR Datasheet HTML 5Page - Texas Instruments DP83867CSRGZR Datasheet HTML 6Page - Texas Instruments DP83867CSRGZR Datasheet HTML 7Page - Texas Instruments DP83867CSRGZR Datasheet HTML 8Page - Texas Instruments DP83867CSRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
TX_CTRL
37
I, PD
TRANSMIT CONTROL: In RGMII mode, This pin combines the transmit enable
and the transmit error signals of GMII mode using both clock edges.
RX_CTRL
38
S, O, PD
RECEIVE CONTROL: In RGMII mode, the receive data available and receive
error are combined (RXDV_ER) using both rising and falling edges of the
receive clock (RX_CLK).
GENERAL-PURPOSE I/O
GPIO_0
39
S, O, PD
General-Purpose I/O: This signal provides a multi-function configurable I/O.
Refer to the GPIO_MUX_CTRL register for details.
GPIO_1
40
S, O, PD
General-Purpose I/O: This signal provides a multi-function configurable I/O.
Refer to the GPIO_MUX_CTRL register for details.
MANAGEMENT INTERFACE
MDC
16
I, PD
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO serial
management input and output data. This clock can be asynchronous to the
MAC transmit and receive clocks. The maximum clock rate is 25MHz and no
minimum.
MDIO
17
I/O
MANAGEMENT DATA I/O: Bidirectional management instruction and data
signal that can be sourced by the management station or the PHY. This pin
requires pullup resistor. The IEEE specified resistor value is 1.5kΩ, but a 2.2kΩ
is acceptable.
INT / PWDN
44
I/O, PU
INTERRUPT / POWER DOWN:
The default function of this pin is POWER DOWN.
POWER DOWN: This is an Active Low Input. Asserting this signal low
enables the power-down mode of operation. In this mode, the device powers
down and consume minimum power. Register access is available through the
Management Interface to configure and power up the device.
INTERRUPT: When operating the pin as an interrupt, this pin uses an open-
drain architecture. TI recommends using an external 2.2kΩ resistor connected
to the VDDIO supply.
RESET
RESET_N
43
I, PU
RESET: The active low RESET initializes or reinitializes the DP83867. All
internal registers re-initialize to default state upon assertion of RESET. The
RESET input must be held low for a minimum of 1µs.
CLOCK INTERFACE
XI
15
I
CRYSTAL/OSCILLATOR INPUT: 25MHz oscillator or crystal input (50ppm)
XO
14
O
CRYSTAL OUTPUT: Second terminal for 25MHz crystal. Must be left floating if
a clock oscillator is used.
CLK_OUT
18
O
CLOCK OUTPUT: Output clock
JTAG INTERFACE
JTAG_CLK
20
I, PU
JTAG TEST CLOCK: IEEE 1149.1 Test Clock input, primary clock source for all
test logic input and output controlled by the testing entity. Supports a maximum
clock frequency of 2.5MHz.
JTAG_TDO
21
O
JTAG TEST DATA OUTPUT: IEEE 1149.1 Test Data Output pin, the most
recent test results are scanned out of the device through TDO.
JTAG_TMS
22
I, PU
JTAG TEST MODE SELECT: IEEE 1149.1 Test Mode Select pin, the TMS
pin sequences the Tap Controller (16-state FSM) to select the desired test
instruction. TI recommends applying 3 clock cycles with JTAG_TMS high to
reset the JTAG.
JTAG_TDI
23
I, PU
JTAG TEST DATA INPUT: IEEE 1149.1 Test Data Input pin, test data is
scanned into the device through TDI.
LED INTERFACE
LED_2
45
S, I/O, PD
LED_2: By default, this pin indicates receive or transmit activity. Additional
functionality is configurable through LEDCR1[11:8] register bits.
LED_1
46
S, I/O, PD
LED_1: By default, this pin indicates that 1000BASE-T link is established.
Additional functionality is configurable through LEDCR1[7:4] register bits.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com