công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83867CSRGZR bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện DP83867CSRGZR
Giải thích chi tiết về linh kiện  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button DP83867CSRGZR Datasheet HTML 2Page - Texas Instruments DP83867CSRGZR Datasheet HTML 3Page - Texas Instruments DP83867CSRGZR Datasheet HTML 4Page - Texas Instruments DP83867CSRGZR Datasheet HTML 5Page - Texas Instruments DP83867CSRGZR Datasheet HTML 6Page - Texas Instruments DP83867CSRGZR Datasheet HTML 7Page - Texas Instruments DP83867CSRGZR Datasheet HTML 8Page - Texas Instruments DP83867CSRGZR Datasheet HTML 9Page - Texas Instruments DP83867CSRGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 129 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
LED_0
47
S, I/O, PD
LED_0: By default, this pin indicates that link is established. Additional
functionality is configurable through LEDCR1[3:0] register bits.
MEDIA DEPENDENT INTERFACE
TD_P_A
1
A
Differential Transmit and Receive Signals
TD_M_A
2
A
Differential Transmit and Receive Signals
TD_P_B
4
A
Differential Transmit and Receive Signals
TD_M_B
5
A
Differential Transmit and Receive Signals
TD_P_C
7
A
Differential Transmit and Receive Signals
TD_M_C
8
A
Differential Transmit and Receive Signals
TD_P_D
10
A
Differential Transmit and Receive Signals
TD_M_D
11
A
Differential Transmit and Receive Signals
OTHER PINS
RBIAS
12
A
Bias Resistor Connection. A 11kΩ ±1% resistor can be connected from RBIAS
to GND.
POWER AND GROUND PINS
VDDA2P5
3, 9
P
2.5V Analog Supply (±5%). Each pin requires a 1µF and 0.1µF capacitor to
GND.
VDD1P0
6, 24, 31, 42
P
1V Analog Supply (+15.5%, –5%). Each pin requires a 1µF and 0.1µF
capacitor to GND.
VDDA1P8
13, 48
P
1.8V Analog Supply (±5%).
No external supply is required for this pin. When unused, no connections can
be made to this pin.
For additional power savings, an external 1.8V supply can be connected to
these pins. When using an external supply, each pin requires a 1µF and 0.1µF
capacitor to GND.
VDDIO
19, 30, 41
P
I/O Power: 1.8V (±5%), 2.5V (±5%) or 3.3V (±5%). Each pin requires a 1µF
and 0.1µF capacitor to GND
GND
Die Attach Pad
P
Ground
(1)
The definitions below define the functionality of each pin.
•
Type: I Input
•
Type: O Output
•
Type: I/O Input/Output
•
Type: PD, PU Internal Pulldown/Pullup
•
Type: S Configuration Pin
•
Type: P Power or GND
•
Type: A Analog pins
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com