công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB081 bảng dữ liệu(PDF) 123 Page - STMicroelectronics

tên linh kiện SPSB081
Giải thích chi tiết về linh kiện  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 bảng dữ liệu(HTML) 123 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 119Page - STMicroelectronics SPSB081 Datasheet HTML 120Page - STMicroelectronics SPSB081 Datasheet HTML 121Page - STMicroelectronics SPSB081 Datasheet HTML 122Page - STMicroelectronics SPSB081 Datasheet HTML 123Page - STMicroelectronics SPSB081 Datasheet HTML 124Page - STMicroelectronics SPSB081 Datasheet HTML 125Page - STMicroelectronics SPSB081 Datasheet HTML 126Page - STMicroelectronics SPSB081 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 137 page
background image
Table 124. SR6 description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
RES
Reserved
18
RES
Reserved
17
RES
Reserved
16
RES
Reserved
15
RES
Reserved
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
RES
Reserved
10
RES
Reserved
9
RES
Reserved
8
RES
Reserved
7
RES
Reserved
6
RES
Reserved
5
SGNDLOSS
Loss of ground status bit
‘1’ indicates that ground at SGND pin has been lost
Bit is not latched
4
IP_SUP_LOW
Internal IP voltage supply (analog and/or digital) is less than 3 V
Bit is latched until a “read and clear” command
3
CAN_SUP_LOW
Voltage at the CAN supply pin reached the CAN supply low warning threshold
VCANSUP < VCANSUPlow
Bit is latched until a “read and clear” command
2
RES
Reserved
1
RES
Reserved
0
RES
Reserved
Table 125. Status register SR7 (0x37)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
R
R/C
R
SPSB081
Status registers
DS14048 - Rev 3
page 123/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com