công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB081 bảng dữ liệu(PDF) 67 Page - STMicroelectronics

tên linh kiện SPSB081
Giải thích chi tiết về linh kiện  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 bảng dữ liệu(HTML) 67 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 63Page - STMicroelectronics SPSB081 Datasheet HTML 64Page - STMicroelectronics SPSB081 Datasheet HTML 65Page - STMicroelectronics SPSB081 Datasheet HTML 66Page - STMicroelectronics SPSB081 Datasheet HTML 67Page - STMicroelectronics SPSB081 Datasheet HTML 68Page - STMicroelectronics SPSB081 Datasheet HTML 69Page - STMicroelectronics SPSB081 Datasheet HTML 70Page - STMicroelectronics SPSB081 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 137 page
background image
2. The bit time TBIT is the nominal bit time at a given bit rate (TBIT = 1/BR). For example at BR = 2 Mb/s → TBIT = 500 ns
Table 41. CAN transmit data input: Pin TxDC
Symbol
Parameter
Condition
Min Typ Max Unit Item
VTXDCLOW
Input voltage dominant level
Active mode
1.0 1.45 2.0
V
E.008
VTXDCHIGH
Input voltage recessive level
Active mode
1.2 1.85 2.3
V
E.009
VTXDCHYS
VTXDCHIGH - VTXDCLOW
Active mode
0.2
-
0.7
V
E.010
RTXDCPU
TXDC pull up resistor
Active mode
20
50
110
kΩ
E.011
td,TXDC(dom-rec)
TXDC - CANH,L delay time dominant -
recessive
RL = 50 Ω…65 Ω;
70 % VTXD - 30% VDIFF
5.5 V ≤ VSREG ≤ 18 V
TXDC rise time = 10 ns (10% - 90%)
0
120
-
ns
E.012
td,TXDC(rec-diff)
TXDC - CANH,L delay time recessive -
dominant
RL = 50 Ω…65 Ω
30 % VTXD - 70% VDIFF
5.5 V ≤ VSREG ≤ 18 V
TXDC fall time = 10 ns (90% - 10%)
0
120
-
ns
E.013
tdom(TXDC)
TXDC dominant time-out
Tested by scan
0.8
2
5
ms E.014
Table 42. CAN receive data output: Pin RxDC
Symbol
Parameter
Condition
Min
Typ
Max Unit Item
VRXDCLOW
Output voltage dominant level
Active mode, IRXDC = 2 mA
0
0.2
0.5
V
E.015
VRXDCHIGH
Output voltage recessive level
Active mode, IRXDC = -2 mA V1 - 0.5 V1 - 0.2 V1
V
E.016
tr,RXDC
RxDC rise time
CL = 15 pF
30% - 70% VRXDC(1)
0
-
25
ns
E.017
tf,RXDC
RxDC fall time
CL = 15 pF
70% - 30% VRXDC(1)
0
-
25
ns
E.018
td, RXDC(dom-rec)
CANH,L
RxDC delay time dominant - recessive
CL = 15 pF
30% VDIFF - 70% VRXDC(1)
0
120
-
ns
E.019
td, RXDC(rec - dom)
CANH,L
RxDC delay time dominant - recessive
CL = 15 pF
70% VDIFF - 30% VRXDC(1)
0
120
-
ns
E.020
1. Guaranteed by design.
Table 43. CAN transmitter dominant output characteristics
Symbol
Parameter
Condition
Min Typ Max Unit Item
VCANHdom
Single ended CANH voltage level in dominant
state
VTXDC = VTXDCLOW
RL = 50 Ω…65 Ω
2.75 3.5
4.5
V
E.021
VCANLdom
Single ended CANL voltage level in dominant
state
VTXDC = VTXDCLOW
RL = 50 Ω…65 Ω
0.5
1.5 2.25
V
E.022
VDIFF,dom
Differential output voltage in dominant state:
VCANHdom - VCANLdom
VTXDC = VTXDCLOW
RL = 50 Ω…65 Ω
1.5
2.0
3
V
E.023
SPSB081
CAN FD transceiver
DS14048 - Rev 3
page 67/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com