công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB081 bảng dữ liệu(PDF) 50 Page - STMicroelectronics

tên linh kiện SPSB081
Giải thích chi tiết về linh kiện  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 bảng dữ liệu(HTML) 50 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 46Page - STMicroelectronics SPSB081 Datasheet HTML 47Page - STMicroelectronics SPSB081 Datasheet HTML 48Page - STMicroelectronics SPSB081 Datasheet HTML 49Page - STMicroelectronics SPSB081 Datasheet HTML 50Page - STMicroelectronics SPSB081 Datasheet HTML 51Page - STMicroelectronics SPSB081 Datasheet HTML 52Page - STMicroelectronics SPSB081 Datasheet HTML 53Page - STMicroelectronics SPSB081 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 137 page
background image
Table 22. SPI data length
Bit 6
Bit 5
Bit 4
Description
DL2
DL1
DL0
-
0
0
0
invalid
0
0
1
16-bit SPI
0
1
0
24-bit SPI
0
1
1
32-bit SPI
-
-
-
…
1
1
1
64-bit SPI
4.3.1.4.1
Data consistency check (Parity/CRC)
Table 23. Data consistency check
Bit 1
Bit 0
Description
S1
S0
-
0
0
Not used
0
1
Parity used
1
0
CRC used
1
1
Invalid
4.3.1.4.2
Watchdog definition
For further information, see also Section 3.6 Configurable window watchdog.
In case a watchdog is implemented the default settings can be read out via the device information registers.
Table 24. WD Type/Timing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
WD1
WD0
-
<WD type 1/2>
0
0
Register is not used
<WD type 1>
0
1
WT5
WT4
WT3
WT2
WT1
WT0
-
-
1
1
1
1
-
1
0
-
-
Watchdog timeout/Long open window WT[5:0] * 5 ms
<WD type 2>
1
0
OW2
OW1
OW0
CW2
CW1
CW0
1
0
0
1
0
0
0
1
-
-
-
Open window OW[2:0] * 5 ms
Closed window CW[2:0] * 5 ms
<WD type 1/2>
1
1
Invalid
<WD type 1>: 3CH (long open window: 300 ms).
<WD type 2>: 91H (open window. 10 ms, closed window: 5 ms).
<WD type 1> indicates the long open window (timeout) which is opened at the start of the watchdog. The binary
value of WT[5:0] times 5 ms indicates the typical value of the timeout time.
<WD type 2> describes the default timing of the window watchdog.
The binary value of CW[2:0] times 5 ms defines the typical closed window time (tCW) and OW[2:0] times 5 ms
defines the typical open window time (tOW). See figure below where tCW = TEFW and tOW = TLFW - TEFW.
SPSB081
Address definition
DS14048 - Rev 3
page 50/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com