| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPSB081 bảng dữ liệu(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 bảng dữ liệu(HTML) 112 Page - STMicroelectronics |
|
112 / 137 page ![]() Bit Name Description 21 RES Reserved 20 TSD_Cluster EN Enables thermal warning and shutdown of outputs by cluster 0 = TSD and TW by cluster off (default) 1 = TSD and TW by cluster on 19 OUT4_CCM_EN Enable constant current mode for OUT4(1) 0 = Disable (default) 1 = Enable 18 OUT3_CCM_EN Enable constant current mode for OUT3(1) 0 = Disable (default) 1 = Enable 17 OUT2_CCM_EN Enable constant current mode for OUT2(1) 0 = Disable (default) 1 = Enable 16 OUT1_CCM_EN Enable constant current mode for OUT1(1) 0 = Disable (default) 1 = Enable 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved 7 RES Reserved 6 RES Reserved 5 RES Reserved 4 RES Reserved 3 RES Reserved 2 RES Reserved 1 RES Reserved 0 RES Reserved 1. Refer to Section 3.19 Constant current mode for the correct sequence of constant current mode activation. Table 107. CR21(0x15) to CR24 (0x18) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access 0 (R) SPSB081 Control registers DS14048 - Rev 3 page 112/137 |