| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CB45000 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CB45000 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 16 page ![]() CB45000 SERIES 10/16 ® DESIGN ENVIRONMENT Several interface levels are possible between SGS-THOMSON and the customer in the undertaking of an ASIC design. The four levels of interface are shown in Figure 7. Level 1 is characterized by SGS-THOMSON receiving the system specification and taking the design through to validation and fabrication. At level 2 interface the designer supplies a complete logic design implemented in a standard generic logic family. SGS-THOMSON then takes the design through to layout, validation and fabrication. Level 3 is the most common and preferred interface level. Logic capture and pre-layout simulation are performed by the designer using an SGS-THOMSON supported design kit. The design is then taken through layout, validation and fabrication by SGS-THOMSON. The SGS-THOMSON design system validates all designs before fabrication. Design kits are provided that allow schematic capture entry via Mentor Graphics and Cadence products. Simulation is supported for Cadence and Mentor Graphics. Full support is also provided for Cadence Verilog, Synopsys VSS and System Hilo simulators. Figure 8 shows the SGS- THOMSON Design Flow. Test vector development uses TSSI software from Summit and Currentest from CrossCheck. Figure 7 Customer / SGS-THOMSON Interface Levels SYSTEM SYSTEM SPECIFICATION LOGIC DESIGN SCHEMATIC CAPTURE DESIGN VERIFICATION PRE-LAYOUT SIMULATION LAYOUT POST-LAYOUT SIMULATION LEVEL 1 LEVEL 2 LEVEL 3 LEVEL 4 CUSTOMER CUSTOMER CUSTOMER CUSTOMER SGS-THOMSON SGS-THOMSON SGS-THOMSON MANUFACTURE AND TEST ECR1 ECR2 CUSTOMER SGS-THOMSON SGS-THOMSON |