| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9300 bảng dữ liệu(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 bảng dữ liệu(HTML) 113 Page - STMicroelectronics |
|
113 / 178 page ![]() [9:6] WSFILT[3:0]: Wheel Speed filter time selection. Initial offset = 8µs; Bit resolution: 500ns 0000: 8.0 µs 0001: 8.5 µs … 1111: 15.5 µs Reset events: VB_UV, GND_LOSS, POR [5] WSIPTEN: Pass Through mode enable (valid for PWM encoded sensors) 0: Off 1: On Reset events: VB_UV, GND_LOSS, POR [4] SSDIS: DOUTx output disabled in case of Standstill condition (valid only for PWM encoded 2 edges sensor) 0: DOUTx enabled during standstill 1: DOUTx disabled during standstill Reset events: VB_UV, GND_LOSS, POR [3] WSI_FIX_THRESH: WSI selection of fixed or auto adaptive thresholds 0: auto adaptive thresholds 1: fixed thresholds Reset events: VB_UV, GND_LOSS, POR [2] unused [1:0] STS: Sensor Type Selection 00: Two level, Standard 01: Three level, VDA 10: PWM Encoded, 2 level, 2 edges/tooth 11: PWM Encoded, 2 level, 1 edge/tooth Reset events: VB_UV, GND_LOSS, POR L9300 SPI interface and register mapping DS12258 - Rev 5 page 113/178 |