| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32WL33CB bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WL33CB bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 91 page ![]() • Ultra-low power architecture – Dynamic current consumption: 21 µA/MHz – 14 nA in Shutdown mode – 960 nA in Deepstop mode – Radio only consumption: ◦ 4 mA in RX ◦ 8 mA in TX @ +10 dBm ◦ 78 mA in TX @ +20 dBm – Consumption: 1.3 mA current in WFI conditions (direct HSE mode) – Wakeup capability from both Deepstop and Shutdown modes • Peripherals and analog front-end – LCD driver with up to 96 (12x8) or 64 (16x4) matrix elements – 12-bit ADC: up to 1 Msample/s with 8 single ended channels (or 4 differentials) – 1x comparator – 1x 6-bit sample-and-hold DAC output – 1x LC sensor controller (for autonomous rotary-wheel based flow metering) – Battery voltage monitoring with low-level detection – Temperature monitoring • Communication interfaces – Up to 32 GPIOs (VFQFPN48), all with retention capability – Up to 17 GPIOs (VFQFPN32), all with retention capability – 1x USART. Supports of LIN, Smartcard Protocol, IrDA, SIR ENDEC specifications, and modem operations (CTS/RTS) – 1x LPUART (available also in low-power mode), with wakeup capability – 1x SPI – 1x SPI with I2S interface multiplexed – 2x I2C (SMBus/PMBus) – 1x DMA 8 channels controller, supporting ADC, DAC, SPIs, I2Cs, USART, LPUART, timers, AES • Clock sources and timers – Flexible clocking scheme, featuring: ◦ 64 MHz (HSI or PLL) ◦ Fail-safe 48 MHz crystal oscillator (HSE), with integrated trimming capacitors ◦ 32 kHz crystal oscillator (LSE) ◦ Integrated low-power 32 kHz RC (LSI) – 1x 16-bits, four channels general purpose timer – 1x 16-bits, two channels general purpose timer – 1x RTC – 1x independent watchdog – Radio timer with wakeup capability • Security – Secure bootloader with SWD disabling – AES-128 co-processor and 16-bit TRNG – Embedded UART bootloader with selectable write and read-out protection • Operating range and reset – Ultra-low-power power-on-reset (POR) and power-down-reset (PDR) – Programmable voltage detector (PVD) – Supply voltage: from 1.7 to 3.6 V – Temperature range: -40 ºC to 105 ºC • All packages are ECOPACK2 compliant STM32WL33xx DS14221 - Rev 5 page 2/91 |