công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WL33CB bảng dữ liệu(PDF) 52 Page - STMicroelectronics

tên linh kiện STM32WL33CB
Giải thích chi tiết về linh kiện  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB bảng dữ liệu(HTML) 52 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 48Page - STMicroelectronics STM32WL33CB Datasheet HTML 49Page - STMicroelectronics STM32WL33CB Datasheet HTML 50Page - STMicroelectronics STM32WL33CB Datasheet HTML 51Page - STMicroelectronics STM32WL33CB Datasheet HTML 52Page - STMicroelectronics STM32WL33CB Datasheet HTML 53Page - STMicroelectronics STM32WL33CB Datasheet HTML 54Page - STMicroelectronics STM32WL33CB Datasheet HTML 55Page - STMicroelectronics STM32WL33CB Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
Table 34. Sensitivity at 915 MHz (SMPS clock frequency= 4 MHz)
Parameter
Test condition
SMPS OFF
HPM/LPM SMPS ON
0.1% BER
1% BER
0.1% BER
1% BER
Sensitivity
0.1% BER @ 2-GFSK,
BT = 0.5
DR = 0.3 kbit/s, FDEV = 0.25 kHz,
CHF = 1.7 kHz
-126
-128
-126
-128
dBm
DR = 1.2 kbit/s, FDEV = 1.2 kHz,
CHF = 4 kHz
-122
-124
-122
-124
DR = 38.4 kbit/s, FDEV = 20 kHz,
CHF = 74.8 kHz
-110
-112
-110
-112
DR = 38.4 kbit/s, FDEV = 20 kHz,
CHF = 100 kHz
-109
-111
-109
-111
DR = 300 kbit/s, FDEV = 150 kHz,
CHF = 780 kHz
-100
-102
-100
-102
Sensitivity
0.1% BER @ 4-GFSK
BT = 0.5
DR = 4.8 ks/s, DEV = 2.4 kHz, CHF
= 10 kHz
-110
-113
-110
-113
dBm
DR = 9.6 ks/s, DEV = 4.8 kHz, CHF
= 20 kHz
-107
-110
-107
-110
DR = 19.2 ks/s, DEV = 9.6 kHz,
CHF = 40 kHz
-104
-107
-104
-107
DR = 300 ks/s, DEV = 300 kHz,
CHF = 900 kHz
-96
-99
-96
-99
Sensitivity
0.1% BER @ OOK
DR = 0.3 kbit/s, CHF = 1.7 kHz
-128
-131
-128
-131
dBm
DR = 1.2 kbit/s, CHF = 4 kHz
-122
-125
-122
-125
DR = 38.4 kbit/s, CHF = 120 kHz
-107
-110
-107
-110
DR = 125 kbit/s, CHF = 400 kHz
-102
-105
-102
-105
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 52/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91