| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32WL33CB bảng dữ liệu(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WL33CB bảng dữ liệu(HTML) 50 Page - STMicroelectronics |
|
50 / 91 page ![]() Parameter Test condition HPM LPM Unit Selectivity and blocking 0.1% BER @ 2- GFSK, BT = 0.5, FDEV = 20 kHz , DR = 38.4 kbit/s, CHF = 100 kHz. Wanted signal = ETSI sensitivity + 3 dB = -94 dBm. Not modulated interferer signal. ±2 MHz dBm -23 -23 ±10 MHz -16 -17 ±15 MHz -16 -16 ETSI saturation at adjacent channel 0.1% BER @ 2-GFSK, BT = 0.5, FDEV = 1.2 kHz, DR = 1.2 kbit/s, CHF = 4 kHz. Wanted signal = -68 dBm Offset = ±25 kHz (adjacent channel) -3 -6 dBm ETSI saturation at adjacent channel 0.1%. BER @ 2-GFSK, BT = 0.5, FDEV = 20 kHz , DR = 38.4 kbit/s, CHF = 100 kHz. Wanted signal = - 54 dBm Offset = ±100 kHz (adjacent channel) -3 -6 dBm Table 32. Sensitivity at 868.5 MHz (SMPS clock frequency = 4.27 MHz) Parameter Test condition(1) SMPS OFF HPM/LPM SMPS ON Unit 0.1% BER 1% BER 0.1% BER 1% BER Sensitivity BER @ 2- GFSK, BT = 0.5 DR = 0.3 kbit/s, FDEV = 0.25 kHz, CHF = 1.7 kHz -126 -128 -126 -128 dBm DR = 1.2 kbit/s, FDEV = 1.2 kHz, CHF = 4 kHz -122 -124 -122 -124 DR = 38.4 kbit/s, FDEV = 20 kHz, CHF = 74.8 kHz -110 -112 -110 -112 DR = 38.4 kbit/s, FDEV = 20 kHz, CHF = 100 kHz (TX pin connected 10 dBm BOM) -110 -112 -110 -112 DR = 38.4 kbit/s, FDEV = 20 kHz, CHF = 100 kHz (TXHP pin connected and 16 dBm BOM) -109 -111 -109 -111 DR = 300 kbit/s, FDEV = 150 kHz, CHF = 780 kHz -101 -103 -101 -103 Sensitivity BER @ 4- GFSK, BT = 0.5 DR = 4.8 ks/s, DEV = 2.4 kHz, CHF = 10 kHz -111 -114 -111 -114 DR = 9.6 ks/s, DEV = 4.8 kHz, CHF = 20 kHz -108 -111 -108 -111 DR = 19.2 ks/s, DEV = 9.6 kHz, CHF = 40 kHz -105 -108 -105 -108 DR = 300 ks/s, DEV = 300 kHz, CHF = 900 kHz -96 -99 -96 -99 Sensitivity BER @ OOK DR = 0.3 kbit/s, CHF = 1.7 kHz -128 -131 -128 -131 DR = 1.2 kbit/s, CHF = 4 kHz -122 -125 -122 -125 DR = 38.4 kbit/s, CHF = 120 kHz -107 -110 -107 -110 DR = 125 kbit/s, CHF = 400 kHz -102 -105 -102 -105 1. For optimal results in 868 MHz sensitivity tests, the KRM feature needs to be used. STM32WL33xx Electrical characteristics DS14221 - Rev 5 page 50/91 |