| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0672 bảng dữ liệu(PDF) 25 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0672 bảng dữ liệu(HTML) 25 Page - DFROBOT |
|
25 / 26 page ![]() 2. Restart Raspberry Pi Input the following command into the terminal to restart Raspberry Pi. The temp_control program will be auto started after that. Then, the fan, RGB LEDs, and OLED will response accordingly. sudo reboot 3. Exit the program Since the autostart program is running in the background, we cannot directly exit the program at the opened terminal. If we need to revise the program, but worry that the background process would interfere with the debug results, what should we do? Well, it is easy, just check the process number(PID) of the background program, and then end the process. 1. Input top into the terminal to open process table. The system will list out the processes that take up more CPU resources, and sometimes it may be necessary to wait for a while. From the figure above, we can see that the PID of the autostart program temp_control is718. Now, just kill it, and press Ctrl+C to exit top. 2. End the process sudo kill -9 PID For example, run the command sudo kill -9 718 to end the temp_control process, then it will prompt the process does not exist when re-running. |