công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DFR0672 bảng dữ liệu(PDF) 11 Page - DFROBOT

tên linh kiện DFR0672
Giải thích chi tiết về linh kiện  SKU:DFR0672
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DFROBOT [DFROBOT]
Trang chủ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0672 bảng dữ liệu(HTML) 11 Page - DFROBOT

Back Button DFR0672 Datasheet HTML 7Page - DFROBOT DFR0672 Datasheet HTML 8Page - DFROBOT DFR0672 Datasheet HTML 9Page - DFROBOT DFR0672 Datasheet HTML 10Page - DFROBOT DFR0672 Datasheet HTML 11Page - DFROBOT DFR0672 Datasheet HTML 12Page - DFROBOT DFR0672 Datasheet HTML 13Page - DFROBOT DFR0672 Datasheet HTML 14Page - DFROBOT DFR0672 Datasheet HTML 15Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Invoke gcc compiler. -o means to generate files, and will be followed by the name of generated
file. rgb.c is source program, and -lwiringPi means to use the wiringPi library in Raspberry Pi.
•
Run the program
./rgb
Three RGB LEDs light up in green at the same time.
•
Codes Analysis
1. There are three RGB LEDs on the board, so we define the number of light as 3, declare setRGB
and closeRGB function.
2. void setRGB(int num, int R, int G, int B) function:
Set RGB LED color. num refers to the LED number: o is the first LED, 1 for the second LED, 2
for the third LED. When num is over 3, it means to set all the LEDs. The range of R, G, B is
0~255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26