công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DFR0672 bảng dữ liệu(PDF) 14 Page - DFROBOT

tên linh kiện DFR0672
Giải thích chi tiết về linh kiện  SKU:DFR0672
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DFROBOT [DFROBOT]
Trang chủ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0672 bảng dữ liệu(HTML) 14 Page - DFROBOT

Back Button DFR0672 Datasheet HTML 10Page - DFROBOT DFR0672 Datasheet HTML 11Page - DFROBOT DFR0672 Datasheet HTML 12Page - DFROBOT DFR0672 Datasheet HTML 13Page - DFROBOT DFR0672 Datasheet HTML 14Page - DFROBOT DFR0672 Datasheet HTML 15Page - DFROBOT DFR0672 Datasheet HTML 16Page - DFROBOT DFR0672 Datasheet HTML 17Page - DFROBOT DFR0672 Datasheet HTML 18Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
1. Import file control library and I2C library, the path to check CPU temperature of Raspberry Pi is
defined as TEMP_PATH.
2. Define RGB LED and I2C parameters
3. Define temperature related parameters
4. Open CPU temperature file circularly and save fd_Temp (In Linux, everything is a file). If it fails to
open, return - 1. Next, read the temperature and save it in buf. also returns - 1 when failed.
After the temperature reading is saved to buf successfully, it need to be divided by 1000
because the value is relatively large, then the current temperature can be obtained in
centigrade, and save it to temp. Run the close() function to close the file manually after reading
the file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26