| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0534 bảng dữ liệu(PDF) 8 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0534 bảng dữ liệu(HTML) 8 Page - DFROBOT |
|
8 / 11 page ![]() Command: AA 20 04 beginning-minute beginning-second ending-minute ending-second SM Return: None End repetition(21) Command: AA 21 00 CB Return: None Specify the time to rewind(22) Command: AA 22 02 Upper-byte Lower-byte SM Return: None Explanation: The unit is seconds Specify the time to wind(23) Command: AA 23 02 Upper-byte Lower-byte SM Return: None Explanation: The unit is seconds Get the total time of the current audio(24) Command: AA 24 00 CE Return: AA 24 03 hour minute second SM Start the playback time sending(25) Command: AA 25 00 CF Return: AA 25 03 hour minute second SM Explanation: Start to send playing time, Return automatically when the time is updated. End to send the playing time(26) Command: AA 26 00 D0 Return: None Explanation: End the playback time sending. |