công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DFR0534 bảng dữ liệu(PDF) 6 Page - DFROBOT

tên linh kiện DFR0534
Giải thích chi tiết về linh kiện  Voice Module SKU: DFR0534
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DFROBOT [DFROBOT]
Trang chủ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0534 bảng dữ liệu(HTML) 6 Page - DFROBOT

Back Button DFR0534 Datasheet HTML 2Page - DFROBOT DFR0534 Datasheet HTML 3Page - DFROBOT DFR0534 Datasheet HTML 4Page - DFROBOT DFR0534 Datasheet HTML 5Page - DFROBOT DFR0534 Datasheet HTML 6Page - DFROBOT DFR0534 Datasheet HTML 7Page - DFROBOT DFR0534 Datasheet HTML 8Page - DFROBOT DFR0534 Datasheet HTML 9Page - DFROBOT DFR0534 Datasheet HTML 10Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Increase the volume(14)
Command: AA 14 00 BE
Return: None
Reduce the volume(15)
Command: AA 15 00 BF
Return: None
Cut-in a specific audio(16)
Command: AA 16 03 drive Upper-byte Lower-byte SM
Return: None
E.g. AA 16 03 00 00 09 CC Cut-in the 9th audio in the USB flash drive.
Explanation: Continue to play the original audio when cut-in audio is played.
Cut-in the audio on the specified path(17)
Command: AA 17 Length Drive Path SM
Return: None
Explanation: length= drive length + path length=1+ path length
Set the loop mode(18)
Command: AA 18 01 loop mode
Return: None
E.g. Set to end single play AA 18 01 03 C6
Set the number of loop times(19)
Command: AA 19 02 Upper-byte Lower-byte SM
Return: None
Explain: This command is only valid when the loop mode is Full Loop, Single Loop, Catalog Loop.
E.g. AA 19 02 00 06 CB Repeat 6 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11