| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647 bảng dữ liệu(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647 bảng dữ liệu(HTML) 15 Page - Texas Instruments |
|
15 / 167 page ![]() www.ti.com 2.5 Pin Assignments 2.5.1 Pin Map (Bottom View) V SS D VDD33 D VDD33 AHCLKX AHCLKR ACLKR ACLKX V SS SGMII1RXN REFCLKN V SS VP2CLK0 VP2CTL1 AMUTEIN AMUTE V SS AFSR A VDDT SGMII0RXP A VDDR REFCLKP VP2CTL0 VP2D07 V SS AXR7 AXR6 VDAC/ AXR9 AFSX V SS SGMII1RXP SGMII0RXN V SS PREQ/ GP03 VP2CTL2/ VSCRUN VP2D04 VP2D03 STCLK/ AXR8 AXR4 AXR0 V SS SGMII1TXP VP2CLK1/ VCLK VP2D12/ VRXD0 VP2D06 VP2D09 VP2D02 AXR3 V SS SGMII0TXP SGMII0TXN A VDDA SGMII1TXN RSV22 V SS VP2D13 /VRXD1 VP2D14/ VRXD2 VP2D08 AXR5 AXR1 RSV17 VP2D15/ VRXD3 VP2D17/ VTXD1 VP2D16/ VTXD0 VP2D19/ VTXD3 VP2D18/ VTXD2 VP2D05 AXR2 MDIO MDCLK D VDDD PINTA/ GP02 PRST/ GP01 VP3CLK0/ AECLKIN VP3CTL0/ ASDWE VP3D05/ AED03 VP3D04/ AED02 VP3D03/ AED01 VP3D02/ AED00 V SS V SS V SS VP3CTL1/ ARNW VP3D12/ AED08 VP3D09/ AED07 VP3D08/ AED06 VP3D07/ AED05 VP3D06/ AED04 AC AB AA Y W V U T R P N M V SS C VDDESS V SS VP3CLK1/ AECLK OUT VP3CTL2/ AOE VP3D16/ AED12 VP3D15/ AED11 VP3D14/ AED10 VP3D13/ AED09 V SS V SS V SS V SS PLLV1 VP3D17/ AED13 VP3D19/ AED15 VP3D18/ AED14 V SS V SS V SS CLKIN1 RSV9 SYSCLK4 VP4D03/ ABE01 VP4D04/ AEA10 VP4D05 V SS V SS V SS C VDD 1 2 3 4 5 6 7 8 9 10 11 12 D VDD33 D VDD33 D VDD33 D VDD33 D VDD33 D VDD33 D VDD33 V SS RSV21 A VDDA C VDD C VDD C VDD C VDD D VDD33 C VDD D VDD33 D VDD33 D VDD33 D VDDD D VDD33 V SS C VDDESS A VDDT V SS C VDD C VDD TMS320DM647/TMS320DM648 Digital Media Processor SPRS372A – MAY 2007 – REVISED JUNE 2007 Extensive use of pin multiplexing is used to accommodate the largest number of peripheral functions in the smallest possible package. Pin multiplexing is controlled using a combination of hardware configuration at device reset and software programmable register settings. For more information on pin muxing, see Section 3.2.6, PINMUX Register. Figure 2-2 through Figure 2-5 show the bottom view of the ZUT package pin assignments in four quadrants (A, B, C, and D). Figure 2-2. ZUT Pin Map [Top Left Quadrant] Submit Documentation Feedback Device Overview 15 |