| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647 bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647 bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 167 page ![]() www.ti.com TMS320DM647/TMS320DM648 Digital Media Processor SPRS372A – MAY 2007 – REVISED JUNE 2007 Table 2-5. TERMINAL FUNCTIONS (GROUND and POWER SUPPLY) (continued) TERMINAL NO TYPE INTERNAL OPER DESCRIPTION NAME PULLUP/PULL VOLT DOWN VSS AA11 Ground VSS AB5 Ground VSS AB19 Ground VSS AB23 Ground VSS AC1 Ground VSS AC8 Ground VSS AC10 Ground VSS AC12 Ground VSS AC16 Ground POWER PINS CVDD J9 1.2-V Core Power Supply CVDD J11 1.2-V Core Power Supply CVDD J15 1.2-V Core Power Supply CVDD K10 1.2-V Core Power Supply CVDD K12 1.2-V Core Power Supply CVDD K14 1.2-V Core Power Supply CVDD L9 1.2-V Core Power Supply CVDD L11 1.2-V Core Power Supply CVDD L13 1.2-V Core Power Supply CVDD L15 1.2-V Core Power Supply CVDD M10 1.2-V Core Power Supply CVDD M12 1.2-V Core Power Supply CVDD M14 1.2-V Core Power Supply CVDD N11 1.2-V Core Power Supply CVDD N13 1.2-V Core Power Supply CVDD N15 1.2-V Core Power Supply CVDD P10 1.2-V Core Power Supply CVDD P12 1.2-V Core Power Supply CVDD P14 1.2-V Core Power Supply CVDD R13 1.2-V Core Power Supply CVDD N9 1.2-V Core Power Supply CVDD T16 1.2-V Core Power Supply CVDD R8 1.2-V Core Power Supply CVDD R15 1.2-V Core Power Supply CVDD V8 1.2-V Core Power Supply CVDDESS R11 1.2-V Core Power Supply for Ethernet Subsystem CVDDESS R9 1.2-V Core Power Supply for Ethernet Subsystem AVDLL1 B10 1.8-V I/O supply AVDLL2 B22 1.8-V I/O supply CVDD1 H9 1.2-V Power supply for DDR, DDR I/Os, EMIF-DDR Subsystem CVDD1 J13 1.2-V Power supply for DDR, DDR I/Os, EMIF-DDR Subsystem AVDDA V11 1.2-V SerDes Analog supply AVDDA W10 1.2-V SerDes Analog supply DVDDD T10 1.2-V SerDes Digital Supply Device Overview 30 Submit Documentation Feedback |