| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647 bảng dữ liệu(PDF) 89 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647 bảng dữ liệu(HTML) 89 Page - Texas Instruments |
|
89 / 167 page ![]() www.ti.com TMS320DM647/TMS320DM648 Digital Media Processor SPRS372A – MAY 2007 – REVISED JUNE 2007 Table 6-25. DSP Interrupts (continued) DSP EVENT INTERRUPT SOURCE INTERRUPT NUMBER 41 VP4_INT VP4 Interrupt 42 GPIO_BNK1_INT (GPIO16:31) GPIO Bank 1 Interrupt. 43 AXINT TX Interrupt McASP 44 ARINT RX Interrupt McASP 45-49 Reserved 50 VINT VLYNQ Pulse Interrupt 51 GPINT0 GPIO Interrupt 52 GPINT1 GPIO Interrupt 53 GPINT2 GPIO Interrupt 54 GPINT3 GPIO Interrupt 55 GPINT4 GPIO Interrupt 56 GPINT5 GPIO Interrupt 57 GPINT6 GPIO Interrupt 58 GPINT7 GPIO Interrupt 59 GPINT8 GPIO Interrupt 60 GPINT9 GPIO Interrupt 61 GPINT10 GPIO Interrupt 62 GPINT11 GPIO Interrupt 63 GPINT12 GPIO Interrupt 64 GPINT13 GPIO Interrupt 65 GPINT14 GPIO Interrupt 66 GPINT15 GPIO Interrupt 67 TINT0L Timer interrupt low 68 TINT0H Timer interrupt high 69 TINT1L Timer interrupt low 70 TINT1H Timer interrupt high 71 EDMA3CC_INT0 EDMA3CC Completion Interrupt - Mask0 72 EDMA3CC_INT1 EDMA3CC Completion Interrupt – Mask1 73 EDMA3CC_INT2 EDMA3CC Completion Interrupt – Mask2 74 EDMA3CC_INT3 EDMA3CC Completion Interrupt – Mask3 75 EDMA3CC_INT4 EDMA3CC Completion Interrupt – Mask4 76 EDMA3CC_INT5 EDMA3CC Completion Interrupt – Mask5 77 EDMA3CC_INT6 EDMA3CC Completion Interrupt – Mask6 78 EDMA3CC_INT7 EDMA3CC Completion Interrupt – Mask7 79 EDMA3CC_ERRINT EDMA3CC Error Interrupt 80 EDMA3CC_MPINT EDMA3CC Memory Protection Interrupt 81 EDMA3TC0_ERRINT EDMA3TC0 Error Interrupt 82 EDMA3TC1_ERRINT EDMA3TC1 Error Interrupt 83 EDMA3TC2_ERRINT EDMA3TC2 Error Interrupt 84 EDMA3TC3_ERRINT EDMA3TC3 Error Interrupt 85 Reserved Reserved 86 Reserved Reserved 87 Reserved Reserved 88 Reserved Reserved 89 Reserved Reserved 90 Reserved Reserved Submit Documentation Feedback Peripheral Information and Electrical Specifications 89 |