| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647 bảng dữ liệu(PDF) 128 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647 bảng dữ liệu(HTML) 128 Page - Texas Instruments |
|
128 / 167 page ![]() www.ti.com HRDY(B) (output) 5 11 9 17 18 34 HAS (input) HR/W (input) HSTROBE(A) (input) HCS (input) 35 36 38 HD[31:0] (input) HCNTL[1:0] (input) 10 12 13 37 TMS320DM647/TMS320DM648 Digital Media Processor SPRS372A – MAY 2007 – REVISED JUNE 2007 A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5). Figure 6-38. HPI32 Write Timing (HAS Used) 128 Peripheral Information and Electrical Specifications Submit Documentation Feedback |