| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7182ABCPZ bảng dữ liệu(PDF) 80 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7182ABCPZ bảng dữ liệu(HTML) 80 Page - Analog Devices |
|
80 / 102 page ![]() ADV7182A Data Sheet Rev. 0 | Page 80 of 102 Main Map Bits (Shading Indicates Default State) Comments Notes Subaddress Register Bit Description 7 6 5 4 3 2 1 0 0x37 Polarity PCLK; sets polarity of LLC 0 Inverts polarity 1 Normal polarity as per the timing diagrams Reserved 0 0 Set to 0 PF; sets the FIELD polarity 0 1 Reserved 0 PVS; sets the VSYNC polarity 0 Active high 1 Active low Reserved 0 Sets to 0 PHS; sets HSYNC polarity 0 0 Active high 1 1 Active low 0x38 NTSC comb control YCMN[2:0]; luma comb mode, NTSC 0 0 0 Adaptive three-line, three-tap luma comb 1 0 0 Uses low-pass/notch filter 1 0 1 Fixed luma comb two-line (two taps) Top lines of memory 1 1 0 Fixed luma comb three-line (three taps) All lines of memory 1 1 1 Fixed luma comb two-line (two taps) Bottom lines of memory CCMN[2:0]; chroma comb mode, NTSC 0 0 0 Three-line adaptive for CTAPSN = 01, four-line adaptive for CTAPSN= 10, five-line adaptive for CTAPSN = 11 1 0 0 Disables chroma comb 1 0 1 Fixed two-line for CTAPSN = 01, fixed three-line for CTAPSN = 10, fixed four-line for CTAPSN = 11 Top lines of memory 1 1 0 Fixed three-line for CTAPSN = 01, fixed four-line for CTAPSN = 10, fixed five-line for CTAPSN = 11 All lines of memory 1 1 1 Fixed two-line for CTAPSN = 01, fixed three-line for CTAPSN = 10, fixed four-line for CTAPSN = 11 Bottom lines of memory CTAPSN[1:0]; chroma comb taps, NTSC 0 0 Not used 0 1 Adapts three lines to two lines 1 0 Adapts five lines to three lines 1 1 Adapts five lines to four lines 0x39 PAL comb control YCMP[2:0]; luma comb mode, PAL 0 0 0 Adaptive five-line, three-tap luma comb 1 0 0 Use low-pass notch filter 1 0 1 Fixed luma comb (three-line) Top lines of memory 1 1 0 Fixed luma comb (five-line) All lines of memory 1 1 1 Fixed luma comb (three-line) Bottom lines of memory |