| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PUSB3BB2DF bảng dữ liệu(PDF) 130 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PUSB3BB2DF bảng dữ liệu(HTML) 130 Page - Nexperia B.V. All rights reserved |
|
130 / 234 page ![]() Automotive analog & logic ICs Digital decoders/Demultiplexers Type number Description Features Package (suffix) 74LVC1G18-Q100 1-to-2 demultiplexer (3-state) 1.65 - 5.5 ± 32 2.3 -40 to 125 • • 74LVC1G19-Q100 1-to-2 demultiplexer 1.65 - 5.5 ± 32 1.8 -40 to 125 • Digital multiplexers Type number Description Features Package (suffix) 74AUP1G157-Q100 Single 2-input multiplexer 1.1 - 3.6 ± 1.9 3.2 -40 to 125 • 74LVC1G157-Q100 Single 2-input multiplexer 1.65 - 5.5 ± 32 2.2 -40 to 125 • • Flip-flops Type number Description Features Package (suffix) 74AHC1G79-Q100 Single D-type flip-flop; positive-edge trigger 2.0 - 5.5 ± 8 3.5 -40 to 125 • • 74AHCT1G79-Q100 Single D-type flip-flop; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 8 3.5 -40 to 125 • • 74AUP1G74-Q100 Single D-type flip-flop with set and reset; positive-edge trigger 1.1 - 3.6 ± 1.9 8.1 -40 to 125 • 74AUP1G175-Q100 Single D flip-flop with reset; positive-edge trigger 1.1 - 3.6 ± 1.9 7.4 -40 to 125 • 74AUP1G374-Q100 Single D-type flip-flop; positive-edge trigger (3-state) 1.1 - 3.6 ± 1.9 7.9 -40 to 125 • 74AUP2G79-Q100 Dual D-type flip-flop; positive-edge trigger 1.1 - 3.6 ± 1.9 8.5 -40 to 125 • 74LVC1G74-Q100 Single D-type flip-flop with set and reset; positive-edge trigger 1.65 - 5.5 ± 32 3.5 -40 to 125 • • 74LVC1G79-Q100 Single D-type flip-flop; positive-edge trigger 1.65 - 5.5 ± 32 2.2 -40 to 125 • • 74LVC1G80-Q100 Single D-type flip-flop; positive-edge trigger 1.65 - 5.5 ± 32 2.4 -40 to 125 • • 74LVC1G175-Q100 Single D flip-flop with reset; positive-edge trigger 1.65 - 5.5 ± 32 3.1 -40 to 125 • • 74LVC2G74-Q100 Single D-type flip-flop with set and reset; positive-edge trigger 1.65 - 5.5 ± 32 3.5 -40 to 125 • • Types in bold represent new products Nexperia selection guide 2020 130 |