công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PUSB3BB2DF bảng dữ liệu(PDF) 126 Page - Nexperia B.V. All rights reserved

tên linh kiện PUSB3BB2DF
Giải thích chi tiết về linh kiện  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF bảng dữ liệu(HTML) 126 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 122Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 123Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 124Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 125Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 126Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 127Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 128Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 129Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 130Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 234 page
background image
Automotive analog & logic ICs
Transceivers
Type number
Description
Features
Package (suffix)
74AHC245-Q100
Octal transceiver (3-state)
2.0 - 5.5
± 8
3.5
-40 to 125
•
•
•
74AHCT245-Q100
Octal transceiver; TTL-enabled (3-state)
4.5 - 5.5
± 8
5.0
-40 to 125
•
•
•
74AVC16245-Q100
16-bit transceiver (3-state)
1.2 - 3.6
± 12
2.0
-40 to 85
•
74HC245-Q100
Octal transceiver (3-state)
2.0 - 6.0
± 7.8
7.0
-40 to 125
•
•
•
74HCT245-Q100
Octal transceiver; TTL-enabled (3-state)
4.5 - 5.5
± 6
10
-40 to 125
•
•
•
74LVC245A-Q100
Octal transceiver (3-state)
1.2 - 3.6
± 24
2.9
-40 to 125
•
•
•
74LVCH245A-Q100
Octal transceiver with bus hold (3-state)
1.2 - 3.6
± 24
2.9
-40 to 125
•
•
•
74LVC16245A-Q100
16-bit bus transceiver with dIRection pin; 5 V tolerant
(3-state)
1.3 - 3.6
± 24
5.2
-40 to 125
•
•
74LVC162245A-Q100
16-bit transceiver with 30 Ω termination resistors (3-state)
1.2 - 3.6
± 12
3.3
-40 to 125
•
•
74LVCH16245A-Q100
16-bit bus transceiver with bus hold with dIRection pin;
5 V tolerant (3-state)
1.3 - 3.6
± 24
5.2
-40 to 125
•
•
Types in
bold represent new products
Nexperia selection guide 2020
126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More