| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PUSB3BB2DF bảng dữ liệu(PDF) 129 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PUSB3BB2DF bảng dữ liệu(HTML) 129 Page - Nexperia B.V. All rights reserved |
|
129 / 234 page ![]() Automotive analog & logic ICs Type number Description Features Package (suffix) 74HCT1G125-Q100 Single buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 2.0 10 -40 to 125 • • 74HC2G04-Q100 Dual inverter 2.0 - 6.0 ± 5.2 8.0 -40 to 125 • • 74HCT2G04-Q100 Dual inverter; TTL-enabled 4.5 - 5.5 ± 4.0 10 -40 to 125 • • 74HC2G34-Q100 Dual buffer 2.0 - 6.0 ± 5.2 9.0 -40 to 125 • • 74HCT2G34-Q100 Dual buffer; TTL-enabled 4.5 - 5.5 ± 4.0 10 -40 to 125 • • 74HC2G125-Q100 Dual buffer/line driver (3-state) 2.0 - 6.0 ± 5.2 10 -40 to 125 • • 74HCT2G125-Q100 Dual buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 4.0 12 -40 to 125 • • 74HC3G04-Q100 Triple inverter 2.0 - 6.0 ± 5.2 8.0 -40 to 125 • • 74HCT3G04-Q100 Triple inverter; TTL-enabled 4.5 - 5.5 ± 4.0 10 -40 to 125 • • 74HC3G07-Q100 Triple buffer; open-drain 2.0 - 6.0 5.2 9.0 -40 to 125 • • 74HCT3G07-Q100 Triple buffer; open-drain; TTL-enabled 4.5 - 5.5 4 9.0 -40 to 125 • • 74HC3G34-Q100 Triple buffer 2.0 - 6.0 ± 5.2 9.0 -40 to 125 • • 74HCT3G34-Q100 Triple buffer; TTL-enabled 4.5 - 5.5 ± 4.0 10 -40 to 125 • 74LVC1G04-Q100 Single inverter 1.65 - 5.5 ± 32 2.0 -40 to 125 • • 74LVC1G06-Q100 Single inverter; open-drain 1.65 - 5.5 32 2.3 -40 to 125 • • 74LVC1G07-Q100 Single buffer; open-drain 1.65 - 5.5 32 2.2 -40 to 125 • • • 74LVC1G34-Q100 Single buffer 1.65 - 5.5 ± 32 2.0 -40 to 125 • • 74LVC1G125-Q100 Single buffer/line driver (3-state) 1.65 - 5.5 ± 32 2.1 -40 to 125 • • • 74LVC1G126-Q100 Single buffer/line driver (3-state) 1.65 - 5.5 ± 32 2.0 -40 to 125 • • 74LVC1GU04-Q100 Single inverter; unbuffered 1.65 - 5.5 ± 32 1.6 -40 to 125 • • 74LVC2G04-Q100 Dual inverter 1.65 - 5.5 ± 32 2.7 -40 to 125 • • • 74LVC2G06-Q100 Dual inverter; open-drain 1.65 - 5.5 32 2.3 -40 to 125 • • 74LVC2G07-Q100 Dual buffer; open-drain 1.65 - 5.5 32 2.6 -40 to 125 • • 74LVC2G125-Q100 Dual buffer/line driver (3-state) 1.65 - 5.5 ± 32 2.3 -40 to 125 • • 74LVC2G126-Q100 Dual buffer/line driver (3-state) 1.65 - 5.5 ± 32 2.4 -40 to 125 • • 74LVC2G240-Q100 Dual inverter/line driver (3-state) 1.65 - 5.5 ± 32 2.5 -40 to 125 • • 74LVC2G241-Q100 Dual buffer/line driver (3-state) 1.65 - 5.5 ± 32 2.6 -40 to 125 • • 74LVC2GU04-Q100 Dual inverter; unbuffered 1.65 - 5.5 ± 32 2.3 -40 to 125 • • 74LVC3G04-Q100 Triple inverter 1.65 - 5.5 ± 32 2.7 -40 to 125 • • 74LVC3G07-Q100 Triple buffer; open-drain 1.65 - 5.5 32 2.1 -40 to 125 • • 74LVC3G34-Q100 Triple buffer 1.65 - 5.5 ± 32 2.2 -40 to 125 • • Buffers/Inverters 129 |