| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PUSB3BB2DF bảng dữ liệu(PDF) 133 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PUSB3BB2DF bảng dữ liệu(HTML) 133 Page - Nexperia B.V. All rights reserved |
|
133 / 234 page ![]() Automotive analog & logic ICs Multivibrators Type number Description Features Package (suffix) 74LVC1G123-Q100 Single retriggerable monostable multivibrator 1.65 - 5.5 ± 32 3.5 -40 to 125 • • Schmitt-triggers Type number Description Features Package (suffix) 74AHC1G14-Q100 Single inverter Schmitt-trigger 2.0 - 5.5 ± 8 3.2 -40 to 125 • • 74AHCT1G14-Q100 Single inverter Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 8 4.1 -40 to 125 • • 74AHC3G14-Q100 Triple inverter Schmitt-trigger 2.0 - 5.5 ± 8 3.2 -40 to 125 • • 74AHCT3G14-Q100 Triple inverter Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 8 4.1 -40 to 125 • • 74AUP1G132-Q100 Single 2-input NAND gate; Schmitt-trigger 1.1 - 3.6 ± 1.9 10 -40 to 125 • 74HC1G14-Q100 Single inverter Schmitt-trigger 2.0 - 6.0 ± 2.6 10 -40 to 125 • • 74HCT1G14-Q100 Single inverter Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 2.0 15 -40 to 125 • • 74HC2G14-Q100 Dual inverter Schmitt-trigger 2.0 - 6.0 ± 5.2 16 -40 to 125 • • 74HCT2G14-Q100 Dual inverter Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 4.0 21 -40 to 125 • • 74HC2G17-Q100 Dual buffer Schmitt-trigger 2.0 - 6.0 ± 5.2 12 -40 to 125 • • 74HCT2G17-Q100 Dual buffer Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 4.0 21 -40 to 125 • • 74HC3G14-Q100 Triple inverter Schmitt-trigger 2.0 - 6.0 ± 5.2 16 -40 to 125 • • 74HCT3G14-Q100 Triple inverter Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 4.0 21 -40 to 125 • • 74LVC1G14-Q100 Single inverter Schmitt-trigger 1.65 - 5.5 ± 32 3.0 -40 to 125 • • • 74LVC1G17-Q100 Single buffer Schmitt-trigger 1.65 - 5.5 ± 32 3.0 -40 to 125 • • • 74LVC2G14-Q100 Dual inverter Schmitt-trigger 1.65 - 5.5 ± 32 3.9 -40 to 125 • • • 74LVC2G17-Q100 Dual buffer Schmitt-trigger 1.65 - 5.5 ± 32 3.6 -40 to 125 • • 74LVC3G17-Q100 Triple buffer Schmitt-trigger 1.65 - 5.5 ± 32 3.6 -40 to 125 • • Types in bold represent new products 133 |