| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DLP2000AFQC bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DLP2000AFQC bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 37 page ![]() Pin Functions—Test Pads Electrical Test Pad DLP® System Board A1 Do not connect. A3 Do not connect. A5 Do not connect. A7 Do not connect. A9 Do not connect. A11 Do not connect. A13 Do not connect. A15 Do not connect. A17 Do not connect. A19 Do not connect. A21 Do not connect. A23 Do not connect. A25 Do not connect. A27 Do not connect. A29 Do not connect. A31 Do not connect. A33 Do not connect. A35 Do not connect. A37 Do not connect. A39 Do not connect. A41 Do not connect. B2 Do not connect. B4 Do not connect. B6 Do not connect. B38 Do not connect. C3 Do not connect. D4 Do not connect. E4 Do not connect. F3 Do not connect. G2 Do not connect. G4 Do not connect. G6 Do not connect. G38 Do not connect. H1 Do not connect. H3 Do not connect. H5 Do not connect. H7 Do not connect. H9 Do not connect. H11 Do not connect. H13 Do not connect. H15 Do not connect. H17 Do not connect. H19 Do not connect. H21 Do not connect. H23 Do not connect. www.ti.com DLP2000 DLPS140B – MARCH 2019 – REVISED MAY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: DLP2000 |