| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F271Z1 bảng dữ liệu(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F271Z1 bảng dữ liệu(HTML) 74 Page - STMicroelectronics |
|
74 / 185 page ![]() CAN modules ST10F271Z1 74/185 Figure 15. Connection to two different CAN buses (e.g. for gateway application) Parallel Mode In addition to previous configurations, a parallel mode is supported. This is shown in Figure 16. Figure 16. Connection to one CAN bus with internal parallel mode enabled CAN_H CAN_L CAN bus 1 CAN_H CAN_L CAN bus 2 XMISC.CANPAR = 0 CAN1 RX TX CAN2 RX TX CAN CAN Transceiver Transceiver P4.4 P4.7 P4.5 P4.6 XMISC.CANPAR = 1 CAN2 RX TX P4.4 P4.7 P4.5 P4.6 CAN CAN_H CAN_L CAN bus Transceiver CAN1 RX TX (Both CAN enabled) 1. P4.4 and P4.7 when not used as CAN functions can be used as general purpose I/O while they cannot be used as external bus address lines. |