| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS5500MPAPEP bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5500MPAPEP bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 39 page ![]() ADS5500-EP SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008 www.ti.com 4 Long-term high−temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of overall device life. See Figure 1 for additional information on thermal derating. Electromigration failure mode applies to powered part; Kirkendall voiding failure mode is a function of temperature only. 0.0000001 0.00001 0.0001 0.000001 125 °C (47 kHours, 55.8 Years) 105 °C (87 kHours, >10 Years) 125 °C (32 kHours, 3.8 Years) Estimated Device life ElectroMigration Fail Mode 150 °C (21 kHours, 2.4 Years) 105 °C (8 MHours, >100 Years) 150 °C (10.5 kHours, 1.2 Years) 1/TJ − Constant Device Junction Temperature Estimated Device Life Wire Bond Kirkendall Voiding Fail Mode Figure 1. Time-to-Failure vs Junction Temperature |