công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5500MPAPEP bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện ADS5500MPAPEP
Giải thích chi tiết về linh kiện  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPEP bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button ADS5500MPAPEP Datasheet HTML 25Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 26Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 27Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 28Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 29Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 30Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 31Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 32Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
29
OUTPUT INFORMATION
The ADC provides 14 data outputs (D13 to D0, with D13
being the MSB and D0 the LSB), a data-ready signal
(CLKOUT, pin 43), and an out-of-range indicator (OVR,
pin 64) that equals 1 when the output reaches the
full-scale limits.
Two different output formats (straight offset binary or
twos complement) and two different output clock
polarities (latching output data on rising or falling edge
of the output clock) can be selected by setting DFS
(pin 40) to one of four different voltages. Table 3 details
the four modes. In addition, output enable control (OE,
pin 41, active high) is provided to 3-state the outputs.
The output circuitry of the ADS5500 has being designed
to minimize the noise produced by the transients of the
data switching, and in particular its coupling to the ADC
analog circuitry. Output D4 (pin 51) senses the load
capacitance and adjusts the drive capability of all the
output pins of the ADC to maintain the same output slew
rate described in the timing diagram of Figure 2, as long
as all outputs (including CLKOUT) have a similar load
as the one at D4 (pin 51). This circuit also reduces the
sensitivity of the output timing versus supply voltage or
temperature. External series resistors with the output
are not necessary.
SERIAL PROGRAMMING INTERFACE
The
ADS5500
has
internal
registers
for
the
programming of some of the modes described in the
previous sections. The registers should be reset after
power up by applying a 2−
µs (minimum) high pulse on
RESET (pin 35); this also resets the entire ADC and
sets the data outputs to low. This pin has a 200-k
Ω
internal pullup resistor to AVDD. The programming is
done through a three-wire interface. The timing diagram
and serial register setting in the Serial Programing
Interface section describe the programming of this
register.
Table 2 shows the different modes and the bit values to
be written on the register to enable them.
Note that some of these modes may modify the
standard operation of the device and possibly vary the
performance, with respect to the typical data shown in
this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com