| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8655DMCT1B13KLF bảng dữ liệu(PDF) 13 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
8655DMCT1B13KLF bảng dữ liệu(HTML) 13 Page - Amphenol Communications Solutions |
|
13 / 23 page ![]() www.amphenol-icc.com Disclaimer Please note that the above information is subject to change without notice. D-Subminiature (D-Sub) Accessories Size Dim A Dim B Dim C 9-way 32.2 42.0 14.5 15-way 40.8 42.3 14.9 25-way 54.0 42.3 14.9 37-way 70.5 48.0 15.1 Description Size Part Numbers METAL HOOD 09 9-way 8655DMET1B13KLF METAL HOOD 15 15-way 8655DMAT1B13KLF METAL HOOD 25 25-way 8655DMBT1B13KLF METAL HOOD 37 37-way 8655DMCT1B13KLF 15• ANGLE EXIT FULL METAL HOOD WITH RUBBER GROMMET, SHORT SCREWS TECHNICAL INFORMATION • Material: Zinc, Nickel Plated • Operating Temperature Range: -40°C to +120°C • Cable Entry: 45° Side Entry Rubber Grommet RGS • Strain relief: Clamp + Insert • Thumbscrews: UNC 4-40 (Standard) M2.5 or M3 on request • Cable O.D: Up to 11.5mm FEATURES • 360° EMI Shielding • Quick assembly • Pre-mounted locking screws • Supports all types of cables ORDERING INFORMATION |