| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8655DMCT1B13KLF bảng dữ liệu(PDF) 21 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
8655DMCT1B13KLF bảng dữ liệu(HTML) 21 Page - Amphenol Communications Solutions |
|
21 / 23 page ![]() www.amphenol-icc.com Disclaimer Please note that the above information is subject to change without notice. D-Subminiature (D-Sub) Accessories TECHNICAL INFORMATION • Material: Steel • Plating: Bright tin • Corrosion Resistance: 50 hours exposure to salt spray • To obtain military plating (yellow chromate cadmium) exclude «TLF» in the part number (ex: 863005A) • Thread: UNC 4-40 25• LEVER LOCKS Shell Size Material Plating A B M3 Thread UNC 4-40 Thread Female Male Female Male E, A, B, C Steel Passivated 12.50 14.30 86303425LF 86552096LF 86303425060LF 86552098LF • Material: Steel • Plating: Passivated |