| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8655DMCT1B13KLF bảng dữ liệu(PDF) 7 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
8655DMCT1B13KLF bảng dữ liệu(HTML) 7 Page - Amphenol Communications Solutions |
|
7 / 23 page ![]() www.amphenol-icc.com Disclaimer Please note that the above information is subject to change without notice. D-Subminiature (D-Sub) Accessories 6• STRAIGHT EXIT MONOBLOCK PLASTIC HOOD FOR POTTING 7• ANGLE EXIT MONOBLOCK PLASTIC HOOD FOR POTTING with cable tie with screw and plate strain relief Shell Size Part Numbers A B C D E F G Hood with cable tie Hood with screw and plate Min. Max. E 86305002BLF 86303925ALF 30.60 12.50 25.00 26.20 10.50 10.50 2.70 7.10 A 863026BLF 86303926ALF 38.90 12.50 33.32 28.60 12.50 10.50 4.50 9.10 B 863027BLF 86303927ALF 52.80 12.50 47.05 36.40 17.00 10.50 9.20 13.60 C 863028BLF 86303928ALF 69.10 12.50 63.50 42.60 24.00 10.50 9.20 20.60 D 863029BLF 86303929ALF 66.70 15.30 61.10 41.00 24.00 13.30 9.20 20.60 with cable tie with screw and plate strain relief Shell Size Part Numbers A B C D E F G H Hood with cable tie Hood with screw and plate Min. Max. E 863086BLF 86303920ALF 30.60 12.50 25.00 29.00 9.90 9.90 2.70 7.10 10.50 A 863021BLF 86303921ALF 38.90 12.50 33.32 29.00 9.90 11.90 4.50 9.10 10.50 B 863022BLF 86303922ALF 52.80 12.50 47.05 35.00 9.90 16.40 9.20 13.60 10.50 C 863023BLF 86303923ALF 69.10 12.50 63.50 41.00 9.90 23.40 9.20 20.60 10.50 D 863024BLF 86303924ALF 66.70 15.30 61.10 41.00 12.70 23.40 9.20 20.60 13.30 TECHNICAL INFORMATION • Material: Self-extinguishing • UL rated 94V-0 thermoplastic • Operating Temperature Range: -55°C to +110°C • Colour: Black |