công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC1035D bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện AMC1035D
Giải thích chi tiết về linh kiện  AMC1035 Delta-Sigma Modulator With Bipolar Input of ±1 V and Reference Output of 2.5 V
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1035D bảng dữ liệu(HTML) 2 Page - Texas Instruments

  AMC1035D Datasheet HTML 1Page - Texas Instruments AMC1035D Datasheet HTML 2Page - Texas Instruments AMC1035D Datasheet HTML 3Page - Texas Instruments AMC1035D Datasheet HTML 4Page - Texas Instruments AMC1035D Datasheet HTML 5Page - Texas Instruments AMC1035D Datasheet HTML 6Page - Texas Instruments AMC1035D Datasheet HTML 7Page - Texas Instruments AMC1035D Datasheet HTML 8Page - Texas Instruments AMC1035D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
AMC1035
SBAS837B – AUGUST 2018 – REVISED APRIL 2020
www.ti.com
Product Folder Links: AMC1035
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 7
6.7
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description................................................. 14
7.4
Device Functional Modes........................................ 18
8
Application and Implementation ........................ 19
8.1
Application Information............................................ 19
8.2
Typical Applications ................................................ 20
9
Power Supply Recommendations ...................... 24
10
Layout................................................................... 25
10.1
Layout Guidelines ................................................. 25
10.2
Layout Example .................................................... 25
11
Device and Documentation Support ................. 26
11.1
Documentation Support ....................................... 26
11.2
Receiving Notification of Documentation Updates 26
11.3
Community Resources.......................................... 26
11.4
Trademarks ........................................................... 26
11.5
Electrostatic Discharge Caution ............................ 26
11.6
Glossary ................................................................ 26
12
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2018) to Revision B
Page
•
Deleted PSRR specification for TA > 85°C from Reference Output section of Electrical Characteristics table ..................... 6
•
Changed SINAD equation .................................................................................................................................................... 22
Changes from Original (August 2018) to Revision A
Page
•
Changed document status from Advance Information to Production Data ........................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com