công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC1035D bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện AMC1035D
Giải thích chi tiết về linh kiện  AMC1035 Delta-Sigma Modulator With Bipolar Input of ±1 V and Reference Output of 2.5 V
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1035D bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button AMC1035D Datasheet HTML 12Page - Texas Instruments AMC1035D Datasheet HTML 13Page - Texas Instruments AMC1035D Datasheet HTML 14Page - Texas Instruments AMC1035D Datasheet HTML 15Page - Texas Instruments AMC1035D Datasheet HTML 16Page - Texas Instruments AMC1035D Datasheet HTML 17Page - Texas Instruments AMC1035D Datasheet HTML 18Page - Texas Instruments AMC1035D Datasheet HTML 19Page - Texas Instruments AMC1035D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
V
IN
Integrator 1
Integrator 2
0 V
DAC
V
1
V
2
V
4
V
5
V
3
CMP
f
CLKIN
16
AMC1035
SBAS837B – AUGUST 2018 – REVISED APRIL 2020
www.ti.com
Product Folder Links: AMC1035
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Modulator
The modulator implemented in the AMC1035 (such as the one conceptualized in Figure 40) is a second-order,
switched-capacitor, feed-forward ΔΣ modulator. The analog input voltage VIN and the output V5 of the 1-bit
digital-to-analog converter (DAC) are subtracted, providing an analog voltage V1 at the input of the first integrator
stage. The output of the first integrator feeds the input of the second integrator stage, resulting in output voltage
V3 that is summed with the input signal VIN and the output of the first integrator V2. Depending on the polarity of
the resulting voltage V4, the output of the comparator is changed. In this case, the 1-bit DAC responds on the
next clock pulse by changing the associated analog output voltage V5, causing the integrators to progress in the
opposite direction and forcing the value of the integrator output to track the average value of the input.
Figure 40. Block Diagram of a Second-Order Modulator
As depicted in Figure 37, the modulator shifts the quantization noise to high frequencies. Therefore, use a low-
pass digital filter at the output of the device to increase the overall performance. This filter is also used to convert
from the 1-bit data stream at a high sampling rate into a higher-bit data word at a lower rate (decimation). TI's
microcontroller families TMS320F28004x, TMS320F2807x, and TMS320F2837x offer a suitable programmable,
hardwired filter structure termed a sigma-delta filter module (SDFM) optimized for usage with the AMC1035.
Also, SD24_B converters on the MSP430F677x microcontrollers offer a path to directly access the integrated
sinc-filters for a simple system-level solution for multichannel, isolated current sensing. An additional option is to
use a suitable application-specific device, such as the AMC1210 (a four-channel digital sinc filter). Alternatively, a
field-programmable gate array (FPGA) can be used to implement the filter.
7.3.3 Reference Output
The AMC1035 offers a voltage reference output that can source or sink current to significantly reduce the gain
error thermal drift in ratiometric applications as specified in the Electrical Characteristics table. The IGBT
Temperature Sensing section provides an example of a ratiometric use case for the AMC1035.
The reference output can drive capacitive loads less than 1 nF. Use a series resistor to avoid oscillations and
degradation of performance for capacitive loads
≥ 1 nF. Table 1 lists the recommended series resistor values for
given capacitor value examples. Interpolate for capacitive loads with a value between the given examples.
Table 1. Series Resistor Value for Capacitive Loads
≥ 1 nF on REFOUT Pin
CAPACITIVE LOAD ON
REFOUT PIN
1 nF
3.3 nF
10 nF
33 nF
100 nF
330 nF
1 µF
3.3 µF
10 µF
Recommended series
resistor
33 Ω
56 Ω
47 Ω
33 Ω
15 Ω
10 Ω
5.6 Ω
3.3 Ω
1.8 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com