công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF430CL331HIPW bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện RF430CL331HIPW
Giải thích chi tiết về linh kiện  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 18Page - Texas Instruments RF430CL331HIPW Datasheet HTML 19Page - Texas Instruments RF430CL331HIPW Datasheet HTML 20Page - Texas Instruments RF430CL331HIPW Datasheet HTML 21Page - Texas Instruments RF430CL331HIPW Datasheet HTML 22Page - Texas Instruments RF430CL331HIPW Datasheet HTML 23Page - Texas Instruments RF430CL331HIPW Datasheet HTML 24Page - Texas Instruments RF430CL331HIPW Datasheet HTML 25Page - Texas Instruments RF430CL331HIPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
Configures the
registers to
describe the
request and then
asserts the
interrupt
RF
Reader (PCD)
Dynamic NFC Tag
(PICC)
Reads the file ID
from the registers
Host Controller
INTO
Interrupt
Does the file
exist?
Sets the Host
Response register
accordingly
Yes/No
Examines the
response and
converts it to a
Type 4 protocol
format and sends
it to the PCD
I
2C
RF
PCD sends the Select File
request with a file identifier
Decides whether to
proceed with reading or
writing
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
5.9.1
NDEF or Capability Container Select Procedure
This select procedure does not change between selection of the capability container or an NDEF file.
These two types of selects can be differentiated by the file identifier that the RF430CL331H reports in the
NDEF File Identifier register (see Section 5.11.7).
For the general flow, see Figure 5-7.
Figure 5-7. Select System Flow
The procedure:
1. PCD procedure:
(a) Issues a Capability Container or a NDEF File Select command.
2. RF430CL331H procedure:
(a) Receives the RF packet.
(b) Sets the NDEF File Identifier register (see Section 5.11.7) using the file identifier that was included
in the packet from the PCD.
(c) Sets up the Status register (see Section 5.11.2) and the interrupt registers (see Section 5.11.3) to
describe the file select request.
(d) Ensure that General Type 4 request interrupt is enabled to generate the required interrupt on the
INTO pin.
3. Host controller procedure:
(a) Interrupt is received.
(b) Checks the source of the interrupt by reading the interrupt registers (see Section 5.11.3).
(c) The source of the interrupt is the General Type 4 request.
(d) When there is a General Type 4 request, the Status register (see Section 5.11.2) must be read
and the Type 4 Command field examined to determine what Type 4 command has been received.
(e) The result is a File Select command.
(f) The NDEF File Identifier register (see Section 5.11.7) should be read.
(g) The host controller should, search its available files and determine if the file exists.
(h) The interrupt must be cleared by writing to the Interrupt Flag register (see Section 5.11.3). This
step must be done before setting the Interrupt Serviced field in the Host Response register (see
Section 5.11.8).
(i) If a specific Status Word (SW) response is necessary (generally for communicating specific error
conditions) to the Select command:
(i) Set the Custom Status Word Response register (see Section 5.11.13) with the desired status
word.
(ii) Set the Use Custom SW Response bit in the Host Response register (see Section 5.11.8).
(j) To complete servicing the Select command interrupt, set the Interrupt Serviced field in the Host
22
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com