công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF430CL331HIPW bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện RF430CL331HIPW
Giải thích chi tiết về linh kiện  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 13Page - Texas Instruments RF430CL331HIPW Datasheet HTML 14Page - Texas Instruments RF430CL331HIPW Datasheet HTML 15Page - Texas Instruments RF430CL331HIPW Datasheet HTML 16Page - Texas Instruments RF430CL331HIPW Datasheet HTML 17Page - Texas Instruments RF430CL331HIPW Datasheet HTML 18Page - Texas Instruments RF430CL331HIPW Datasheet HTML 19Page - Texas Instruments RF430CL331HIPW Datasheet HTML 20Page - Texas Instruments RF430CL331HIPW Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
This device supports ISO/IEC 14443-3, ISO/IEC 14443-4, and NFC Forum commands as described in the
following sections.
The device supports data rates of 106, 212, 424, and 848 kbps.
Even though all data rates up to 848 kbps are supported, the device by default reports only the capability
to support 106 kbps to the PCD. To change this behavior, use the sequence described in Section 5.7.3.
The device always answers ATTRIB commands from the PCD that request higher data rates. The NFC
Forum specifies for NFC-B a maximum data rate of 106 kbps. It is assumed that an NFC-compliant PCD
would not request higher data rates, thus, no interoperability issues are expected.
The NFC Forum Type 4B Tag Platform and ISO/IEC 14443B command and response structure is detailed
in ISO/IEC 14443-3, ISO/IEC 14443-4, and NFC Forum-TS-Digital Protocol. The applicable ISO/IEC 7816-
4 commands are detailed in NFC Forum-TS-Type-4-Tag_2.0.
5.7.1
ISO/IEC 14443-3 Commands
These commands use the character, frame format, and timing that are described in ISO/IEC 14443-3,
clause 7.1. The following commands are used to manage communication:
REQB and WUPB
The REQB and WUPB commands sent by the PCD are used to probe the field for PICCs of Type B. In
addition, WUPB is used to wake up PICCs that are in the HALT state. The number of slots N is
included in the command as a parameter to optimize the anticollision algorithm for a given application.
Slot-MARKER
After a REQB or WUPB command, the PCD may send up to (N – 1) Slot-MARKER commands to
define the start of each timeslot. Slot-MARKER commands can be sent after the end of an ATQB
message received by the PCD to mark the start of the next slot or earlier if no ATQB is received (no
need to wait until the end of a slot, if this slot is known to be empty).
ATTRIB
The ATTRIB command sent by the PCD includes information required to select a single PICC. A PICC
receiving an ATTRIB command with its identifier becomes selected and assigned to a dedicated
channel. After being selected, this PICC only responds to commands defined in ISO/IEC 14443-4 that
include its unique CID.
HLTB
The HLTB command is used to set a PICC in HALT state and stop responding to a REQB.
After answering to this command, the PICC ignores any commands except the WUPB.
5.7.2
NFC Tag Type 4 Commands
Select
Selection of applications or files
Read Binary
Read data from file
Update Binary
Update (erase and write) data to file
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
17
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com