công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP5521TM/NOPB bảng dữ liệu(PDF) 34 Page - Texas Instruments

tên linh kiện LP5521TM/NOPB
Giải thích chi tiết về linh kiện  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM/NOPB bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button LP5521TM/NOPB Datasheet HTML 30Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 31Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 32Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 33Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 34Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 35Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 36Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 37Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
34
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6.11 G Channel Program Counter Value (G Channel PC)
Address 0AH
Reset value 00H
Table 31. G Channel PC Register
7
6
5
4
3
2
1
0
G_PC[3]
G_PC[2]
G_PC[1]
G_PC[0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
G_PC
3:0
R/W
G channel program counter value
PC registers are synchronized to 32 kHz clock. Delay between consecutive I2C writes to PC registers needs to
be longer than 153 μs (typ.). PC register can be read or written only when EXEC mode is 'hold'.
7.6.12 B Channel Program Counter Value (B Channel PC)
Address 0BH
Reset value 00H
Table 32. B Channel PC Register
7
6
5
4
3
2
1
0
B_PC[3]
B_PC[2]
B_PC[1]
B_PC[0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
B_PC
3:0
R/W
B channel program counter value
PC registers are synchronized to a 32-kHz clock. Delay between consecutive I2C writes to PC registers must be
longer than 153 μs (typ.). PC register can be read or written only when EXEC mode is 'hold'.
7.6.13 Status/Interrupt Register
Address 0CH
Reset value 00H
Table 33. STATUS/INTERRUPT Register
7
6
5
4
3
2
1
0
EXT_CLK
USED
R_INT
G_INT
B_INT
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
EXT_CLK
USED
3
R
External clock state
0 = Internal 32kHz clock used
1 = External 32kHz clock used
R_INT
2
R
High
Interrupt from R channel
G_INT
1
R
High
Interrupt from G channel
B_INT
0
R
High
Interrupt from B channel
Note: Register INT bits will be cleared when read operation to Status/Interrupt register occurs. INT output pin
(active low) will go high after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com