công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP5521TM/NOPB bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện LP5521TM/NOPB
Giải thích chi tiết về linh kiện  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM/NOPB bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button LP5521TM/NOPB Datasheet HTML 25Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 26Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 27Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 28Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 29Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 30Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 31Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 32Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
29
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6.1 Enable Register (Enable)
Address 00H
Reset value 00H
Table 21. Enable Register
7
6
5
4
3
2
1
0
LOG_EN
CHIP_EN
R_EXEC[1]
R_EXEC[0]
G_EXEC[1]
G_EXEC[0]
B_EXEC[1]
B_EXEC[0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
LOG_EN
7
R/W
High
Logarithmic PWM adjustment generation enable
CHIP_EN
6
R/W
High
Master chip enable. Enables device internal startup sequence. Startup delay
after setting CHIP_EN is 500 μs. See Operation for further information.
Setting EN pin low resets the CHIP_EN state to 0.
R_EXEC
5:4
R/W
R channel program execution.
00b = Hold: Wait until current command is finished then stop while EXEC
mode is hold. PC can be read or written only in this mode.
01b = Step: Execute instruction defined by current R channel PC value,
increment PC and change R_EXEC to 00b (Hold)
10b = Run: Start at program counter value defined by current R Channel PC
value
11b = Execute instruction defined by current R channel PC value and change
R_EXEC to 00b (Hold)
G_EXEC
3:2
R/W
G channel program execution
00b = Hold: Wait until current command is finished then stop while EXEC
mode is hold. PC can be read or written only in this mode.
01b = Step: Execute instruction defined by current G channel PC value,
increment PC and change G_EXEC to 00b (Hold)
10b = Run: Start at program counter value defined by current G Channel PC
value
11b = Execute instruction defined by current G channel PC value and
change G_EXEC to 00b (Hold)
B_EXEC
1:0
R/W
B channel program execution
00b = Hold: Wait until current command is finished then stop while EXEC
mode is hold. PC can be read or written only in this mode.
01b = Step: Execute instruction defined by current B channel PC value,
increment PC and change B_EXEC to 00b (Hold)
10b = Run: Start at program counter value defined by current B Channel PC
value
11b = Execute instruction defined by current B channel PC value and change
B_EXEC to 00b (Hold)
EXEC registers are synchronized to 32 kHz clock. Delay between consecutive I2C writes to ENABLE register
(00H) need to be longer than 488 μs (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com