công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIX4192IPFBR bảng dữ liệu(PDF) 53 Page - Texas Instruments

tên linh kiện DIX4192IPFBR
Giải thích chi tiết về linh kiện  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFBR bảng dữ liệu(HTML) 53 Page - Texas Instruments

Back Button DIX4192IPFBR Datasheet HTML 49Page - Texas Instruments DIX4192IPFBR Datasheet HTML 50Page - Texas Instruments DIX4192IPFBR Datasheet HTML 51Page - Texas Instruments DIX4192IPFBR Datasheet HTML 52Page - Texas Instruments DIX4192IPFBR Datasheet HTML 53Page - Texas Instruments DIX4192IPFBR Datasheet HTML 54Page - Texas Instruments DIX4192IPFBR Datasheet HTML 55Page - Texas Instruments DIX4192IPFBR Datasheet HTML 56Page - Texas Instruments DIX4192IPFBR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
0.1mF
10 F
m
0.1 F
m
10 F
m
0.1 F
m
+3. V
3
9
10
30
33
42
43
44
10 F
m
R
+
+
+
+
Connect pin44 to pin 10.
Pi 10
n
i thenconne
s
ctedto
thegroundpl n .
a e
+3. V
3
0.1 F
m
001 F
m
.
2.2 F
m
TPS79318DB R
V
DIX4192IPFB
OptionalRegulator Circuit
17
16
Rmaybe setfrom2
t
cedb
fe teb
W
ya
rri
e
o 10
orrepla
W
,
ad.
Cmaybe setto10 F
dwhenusingtheopt onalr
m
egulatorcircuit.
, ornotinstalle
i
1
5
3
4
2
IN
EN
OUT
NR
GND
+1.8V
C
0.1 F
m
53
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Application Information (continued)
Figure 71. Recommended Power-Supply Connections
10.1.1 Digital Audio Transformer Vendors
Transformers are shown in this data sheet for both receiver and transmitter balanced and unbalanced line
interface implementations. For the Texas Instruments Pro Audio evaluation modules, transformers from Scientific
Conversion are used. In addition to Scientific Conversion, there are other vendors that offer transformer products
for digital audio interface applications. Please refer to the following manufacturer websites for details regarding
their products and services. Other transformer vendors may also be available by searching catalog and/or
Internet resources.
•
Scientific Conversion: http://scientificonversion.com
•
Schott Corporation: http://schottcorp.com
•
Pulse Engineering: http://pulseeng.com
10.1.2 Receiver Input Interfacing
This section details the recommended interfaces for the DIX4192 line receiver inputs. Balanced and unbalanced
line interfaces, in addition to optical receiver and external logic interfacing, are discussed.
For professional digital audio interfaces, 110-
Ω balanced line interfaces are either required or preferred.
Transformer coupling is commonly employed to provide isolation and to improve common-mode noise rejection.
Figure 72 shows the recommended transformer-coupled balanced line receiver interface for the DIX4192. The
transformer is specified for a 1:1 turn ratio, and must exhibit low inter-winding capacitance for best performance.
Due to the DC bias on the line receiver inputs, 0.1-μF capacitors are used for AC-coupling the transformer to the
line receiver inputs. On the line side of the transformer, an optional 0.1-μF capacitor is shown for cases where a
DC bias may be applied at the transmitter side of the connection. The coupling capacitors must be surface-mount
ceramic chip type with an X7R or C0G dielectric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com