công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIX4192IPFBR bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện DIX4192IPFBR
Giải thích chi tiết về linh kiện  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFBR bảng dữ liệu(HTML) 3 Page - Texas Instruments

  DIX4192IPFBR Datasheet HTML 1Page - Texas Instruments DIX4192IPFBR Datasheet HTML 2Page - Texas Instruments DIX4192IPFBR Datasheet HTML 3Page - Texas Instruments DIX4192IPFBR Datasheet HTML 4Page - Texas Instruments DIX4192IPFBR Datasheet HTML 5Page - Texas Instruments DIX4192IPFBR Datasheet HTML 6Page - Texas Instruments DIX4192IPFBR Datasheet HTML 7Page - Texas Instruments DIX4192IPFBR Datasheet HTML 8Page - Texas Instruments DIX4192IPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
3
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Description (continued)
The DIX4192 device is configured using on-chip control registers and data buffers, which are accessed through
either a 4-wire serial peripheral interface (SPI) port, or a 2-wire Philips I2C bus interface. Status registers provide
access to a variety of flag and error bits, which are derived from the various function blocks. An open-drain
interrupt output pin is provided, and is supported by flexible interrupt reporting and mask options through control
register settings. A master reset input pin is provided for initialization by a host processor or supervisory
functions.
The DIX4192 device requires a 1.8-V core logic supply, in addition to a 3.3-V supply for powering portions of the
DIR, DIT, and line driver and receiver functions. A separate logic I/O supply supports operation from 1.65 V to
3.6 V, providing compatibility with low voltage logic interfaces typically found on digital signal processors and
programmable logic devices. The DIX4192 device is available in a lead-free, TQFP-48 package, and is pin- and
register-compatible with the Texas Instruments SRC4382 and SRC4392 products.
6 Device Comparison Table
PART NUMBER
1.8 V IO
MULTI-CH PCM
ADC
PCM PORTS
S/PDIF PORTS
DIX4192
Yes
No
No
2
4 differential Line IN and 1
differential Line Out
PCM9211
No
Yes
Yes
Up to 3 IN and up to 3
Out
Up to 12 single-ended IN
and up to 2 single-ended
Out
DIX9211
No
Yes
No
Up to 3 IN and up to 3
Out
Up to 12 single-ended IN
and up to 2 single-ended
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com