công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPS064 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện DLPS064
Giải thích chi tiết về linh kiện  DLP6500 0.65 1080p MVSP S600 DMD
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLPS064 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button DLPS064 Datasheet HTML 9Page - Texas Instruments DLPS064 Datasheet HTML 10Page - Texas Instruments DLPS064 Datasheet HTML 11Page - Texas Instruments DLPS064 Datasheet HTML 12Page - Texas Instruments DLPS064 Datasheet HTML 13Page - Texas Instruments DLPS064 Datasheet HTML 14Page - Texas Instruments DLPS064 Datasheet HTML 15Page - Texas Instruments DLPS064 Datasheet HTML 16Page - Texas Instruments DLPS064 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
13
DLP6500
www.ti.com
DLPS053B – OCTOBER 2014 – REVISED OCTOBER 2016
Product Folder Links: DLP6500
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
(11) Refer to Figure 4, Figure 5, and Figure 6.
(12) Optimal, long-term performance and optical efficiency of the Digital Micromirror Device (DMD) can be affected by various application
parameters, including illumination spectrum, illumination power density, micromirror landed duty-cycle, ambient temperature (storage
and operating), DMD temperature, ambient humidity (storage and operating), and power on or off duty cycle. TI recommends that
application-specific effects be considered as early as possible in the design cycle.
(13) Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination will
reduce device lifetime.
(14) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 15 and the package thermal resistance in Thermal Information using Micromirror Array Temperature Calculation.
(15) Long-term is defined as the average over the usable life.
(16) Per Figure 1, the maximum operational case temperature should be derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. Refer to Micromirror Landed-on/Landed-Off Duty Cycle for a definition of micromirror landed duty
cycle.
(17) Array temperatures beyond the specified long-term operational DMD temperature are recommended for short-term conditions only (for
example, power-up). Short-term is defined as cumulative time over the usable life of the device and is less than 500 hours.
(18) The locations of thermal test points TP2, TP3, TP4 and TP5 in Figure 15 are intended to measure the highest window edge
temperature. If a particular application causes another point on the window edge to be at a higher temperature, a test point should be
added to that location. This will ensure that the window bond temperature does not exceed the limits in Absolute Maximum Ratings
(19) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 15 The window test points TP2, TP3, TP4 and TP5 shown in Figure 15 are intended to result in the worst-case delta
temperature. If a particular application causes another point on the window edge to result in a larger delta temperature, that point should
be used.
(20) The average over time (including storage and operating) that the device is not in the 'elevated dew point temperature range'.
(21) Exposure to dew point temperatures in the elevated range during storage and operation should be limited to less than a total cumulative
time of CTELR.
(22) Refer to Thermal Information and Micromirror Array Temperature Calculation.
LVDS INTERFACE
ƒclock
Clock frequency for LVDS interface, DCLK (all channels)
400
MHz
|VID|
Input differential voltage (absolute value)(11)
100
400
600
mV
VCM
Common mode (11)
1200
mV
VLVDS
LVDS voltage(11)
0
2000
mV
tLVDS_RSTZ
Time required for LVDS receivers to recover from PWRDNZ
10
ns
ZIN
Internal differential termination resistance
95
105
Ω
ZLINE
Line differential impedance (PWB/trace)
90
100
110
Ω
ENVIRONMENTAL (12)
TARRAY
Array temperature – operational, long-term (13) (14) (15)
10
40 to 70(16)
°C
Array temperature – operational, short-term (13) (14) (17)
0
10
TWINDOW
Window temperature – operational(18)
85
°C
T|DELTA |
Absolute temperature delta between any point on the window edge and the
ceramic test point TP1. (19)
26
°C
TDP-AVG
Average dew point temperature (non-condensing) (20)
28
°C
TDP-ELR
Elevated dew point temperature range (non-condensing) (21)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
24
Months
ILLUV
Illumination, wavelength < 420 nm
0.68
mW/cm2
ILLVIS
Illumination, wavelengths between 420 and 700 nm
Thermally
Limited(22)
mW/cm2
ILLIR
Illumination, wavelength > 700 nm
10
mW/cm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com