công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPS064 bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện DLPS064
Giải thích chi tiết về linh kiện  DLP6500 0.65 1080p MVSP S600 DMD
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLPS064 bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button DLPS064 Datasheet HTML 8Page - Texas Instruments DLPS064 Datasheet HTML 9Page - Texas Instruments DLPS064 Datasheet HTML 10Page - Texas Instruments DLPS064 Datasheet HTML 11Page - Texas Instruments DLPS064 Datasheet HTML 12Page - Texas Instruments DLPS064 Datasheet HTML 13Page - Texas Instruments DLPS064 Datasheet HTML 14Page - Texas Instruments DLPS064 Datasheet HTML 15Page - Texas Instruments DLPS064 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
12
DLP6500
DLPS053B – OCTOBER 2014 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: DLP6500
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
Supply voltages VCC, VCCI, VOFFSET, VBIAS, and VRESET are all required for proper DMD operation. VSS must also be connected.
(2)
VOFFSET supply transients must fall within specified max voltages.
(3)
To prevent excess current, the supply voltage delta |VCCI – VCC| must be less than specified limit.
(4)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit. Refer to Power Supply
Recommendations for additional information.
(5)
Tester Conditions for VIH and VIL:
Frequency = 60 MHz. Maximum Rise Time = 2.5 ns at (20% to 80%)
Frequency = 60 MHz. Maximum Fall Time = 2.5 ns at (80% to 20%)
(6)
PWRDNZ input pin resets the SCP and disables the LVDS receivers. PWRDNZ input pin overrides SCPENZ input pin and tri-states the
SCPDO output pin.
(7)
For all Serial Communications Port (SCP) operations, DCLK_A and DCLK_B are required.
(8)
The SCP clock is a gated clock. Duty cycle shall be 50% ± 10%. SCP parameter is related to the frequency of DCLK.
(9)
Refer to Figure 3.
(10) SCP internal oscillator is specified to operate all SCP registers. For all SCP operations, DCLK is required.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLY VOLTAGES(1) (2)
VCC
Supply voltage for LVCMOS core logic
3.15
3.3
3.45
V
VCCI
Supply voltage for LVDS receivers
3.15
3.3
3.45
V
VOFFSET
Supply voltage for HVCMOS and micromirror electrodes(2)
8.25
8.5
8.75
V
VBIAS
Supply voltage for micromirror electrodes
15.5
16
16.5
V
VRESET
Supply voltage for micromirror electrodes
–9.5
–10
–10.5
V
|VCCI–VCC|
Supply voltage delta (absolute value) (3)
0.3
V
|VBIAS–VOFFSET|
Supply voltage delta (absolute value)(4)
8.75
V
LVCMOS PINS
VIH
High level Input voltage (5)
1.7
2.5
VCC + 0.15
V
VIL
Low level Input voltage(5)
– 0.3
0.7
V
IOH
High level output current at VOH = 2.4 V
–20
mA
IOL
Low level output current at VOL = 0.4 V
15
mA
TPWRDNZ
PWRDNZ pulse width(6)
10
ns
SCP INTERFACE(7)
ƒclock
SCP clock frequency(8)
500
kHz
tSCP_SKEW
Time between valid SCPDI and rising edge of SCPCLK(9)
–800
800
ns
tSCP_DELAY
Time between valid SCPDO and rising edge of SCPCLK (9)
700
ns
tSCP_BYTE_INTERVAL
Time between consecutive bytes
1
µs
tSCP_NEG_ENZ
Time between falling edge of SCPENZ and the first rising edge of SCPCLK
30
ns
tSCP_PW_ENZ
SCPENZ inactive pulse width (high level)
1
µs
tSCP_OUT_EN
Time required for SCP output buffer to recover after SCPENZ (from tri-state)
1.5
ns
ƒclock
SCP circuit clock oscillator frequency (10)
9.6
11.1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com