công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPS064 bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện DLPS064
Giải thích chi tiết về linh kiện  DLP6500 0.65 1080p MVSP S600 DMD
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLPS064 bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button DLPS064 Datasheet HTML 28Page - Texas Instruments DLPS064 Datasheet HTML 29Page - Texas Instruments DLPS064 Datasheet HTML 30Page - Texas Instruments DLPS064 Datasheet HTML 31Page - Texas Instruments DLPS064 Datasheet HTML 32Page - Texas Instruments DLPS064 Datasheet HTML 33Page - Texas Instruments DLPS064 Datasheet HTML 34Page - Texas Instruments DLPS064 Datasheet HTML 35Page - Texas Instruments DLPS064 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
32
DLP6500
DLPS053B – OCTOBER 2014 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: DLP6500
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Micromirror Array Temperature Calculation (continued)
•
CL2W = Conversion constant for screen lumens to absorbed optical power on the DMD (W/lm) specified below
•
SL = Measured ANSI screen lumens (lm)
(3)
Electrical power dissipation of the DMD is variable and depends on the voltages, data rates and operating
frequencies. The nominal electrical power dissipation to use when calculating array temperature is 2.9 Watts.
Absorbed optical power from the illumination source is variable and depends on the operating state of the
micromirrors and the intensity of the light source. Equations shown above are valid for a 1-chip DMD system with
total projection efficiency through the projection lens from DMD to the screen of 87%.
The conversion constant CL2W is based on the DMD micromirror array characteristics. It assumes a spectral
efficiency of 300 lm/W for the projected light and illumination distribution of 83.7% on the DMD active array, and
16.3% on the DMD array border and window aperture. The conversion constant is calculated to be 0.00293
W/lm.
Sample Calculation for typical projection application:
TCERAMIC = 55°C, assumed system measurement; see Recommended Operating Conditions for specific limits
SL = 2000 lm
QELECTRICAL = 2.9 W (see the maximum power specifications in Electrical Characteristics)
CL2W = 0.00293 W/lm
QARRAY = 2.9 W + (0.00293 W/lm × 2000 lm) = 8.76 W
TARRAY = 55°C + (8.76 W × 0.6 × C/W) = 60.26°C
7.7 Micromirror Landed-on/Landed-Off Duty Cycle
7.7.1 Definition of Micromirror Landed-On/Landed-Off Duty Cycle
The micromirror landed-on/landed-off duty cycle (landed duty cycle) denotes the amount of time (as a
percentage) that an individual micromirror is landed in the On–state versus the amount of time the same
micromirror is landed in the Off–state.
As an example, a landed duty cycle of 100/0 indicates that the referenced pixel is in the On–state 100% of the
time (and in the Off–state 0% of the time); whereas 0/100 would indicate that the pixel is in the Off–state 100% of
the time. Likewise, 50/50 indicates that the pixel is On 50% of the time and Off 50% of the time.
Note that when assessing landed duty cycle, the time spent switching from one state (ON or OFF) to the other
state (OFF or ON) is considered negligible and is thus ignored.
Since a micromirror can only be landed in one state or the other (On or Off), the two numbers (percentages)
always add to 100.
7.7.2 Landed Duty Cycle and Useful Life of the DMD
Knowing the long-term average landed duty cycle (of the end product or application) is important because
subjecting all (or a portion) of the DMD’s micromirror array (also called the active array) to an asymmetric landed
duty cycle for a prolonged period of time can reduce the DMD’s usable life.
Note that it is the symmetry/asymmetry of the landed duty cycle that is of relevance. The symmetry of the landed
duty cycle is determined by how close the two numbers (percentages) are to being equal. For example, a landed
duty cycle of 50/50 is perfectly symmetrical whereas a landed duty cycle of 100/0 or 0/100 is perfectly
asymmetrical.
Individual DMD mirror duty cycles vary by application as well as the mirror location on the DMD within any
specific application. DMD mirror useful life are maximized when every individual mirror within a DMD approaches
50/50 (or 1/1) duty cycle. Therefore, for the DLPC900 and DLP6500 chipset, it is recommended that the DMD
Idle Mode be enabled as often as possible. Examples are whenever the system is idle, the illumination is
disabled, between sequential pattern exposures (if possible), or when the exposure pattern sequence is stopped
for any reason. This software mode provides a 50/50 duty cycle across the entire DMD mirror array, where the
mirrors are continuously flipped between the on and off states. Refer to the DLPC900 Software Programmer’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com