công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZL40262 bảng dữ liệu(PDF) 27 Page - Microchip Technology

tên linh kiện ZL40262
Giải thích chi tiết về linh kiện  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 bảng dữ liệu(HTML) 27 Page - Microchip Technology

Back Button ZL40262 Datasheet HTML 23Page - Microchip Technology ZL40262 Datasheet HTML 24Page - Microchip Technology ZL40262 Datasheet HTML 25Page - Microchip Technology ZL40262 Datasheet HTML 26Page - Microchip Technology ZL40262 Datasheet HTML 27Page - Microchip Technology ZL40262 Datasheet HTML 28Page - Microchip Technology ZL40262 Datasheet HTML 29Page - Microchip Technology ZL40262 Datasheet HTML 30Page - Microchip Technology ZL40262 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
2024 Microchip Technology Inc. and its subsidiaries.
DS20006843A-page 27
ZL40262
4.0
PACKAGE OUTLINE
4.1
Package Marking Information
Note:
If the full seven-character YYWWNNN code cannot fit on the package, the following truncated
codes are used based on the available marking space: 6 Characters = YWWNNN;
5 Characters = WWNNN; 4 Characters = WNNN; 3 Characters = NNN; 2 Characters = NN;
1 Character = N.
20-Lead VQFN*
Example
XXXXXXX
X X
YYWWNNN
ZL40262
Z Z
0212026
Legend: XX...X Product
code
or
customer-specific
information
Y
Year
code
(last
digit
of
calendar
year)
YY
Year
code
(last
2
digits
of
calendar
year)
WW
Week
code
(week
of
January
1
is
week
‘01’)
NNN
Alphanumeric
traceability
code
Pb-free
JEDEC®
designator
for
Matte
Tin
(Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36