công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F570 bảng dữ liệu(PDF) 127 Page - Microchip Technology

tên linh kiện PIC16F570
Giải thích chi tiết về linh kiện  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 bảng dữ liệu(HTML) 127 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 123Page - Microchip Technology PIC16F570 Datasheet HTML 124Page - Microchip Technology PIC16F570 Datasheet HTML 125Page - Microchip Technology PIC16F570 Datasheet HTML 126Page - Microchip Technology PIC16F570 Datasheet HTML 127Page - Microchip Technology PIC16F570 Datasheet HTML 128Page - Microchip Technology PIC16F570 Datasheet HTML 129Page - Microchip Technology PIC16F570 Datasheet HTML 130Page - Microchip Technology PIC16F570 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 127
PIC16F527
B
A
0.10 C
0.10 C
0.07
C A B
(DATUM B)
(DATUM A)
C
SEATING
PLANE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.05 C
0.08 C
Microchip Technology Drawing C04-256A Sheet 1 of 2
20-Lead Ultra Thin Plastic Quad Flat, No Lead Package (JP) - 3x3x0.50 mm Body [UQFN]
2X
20X
D
E
A
(A3)
A1
D2
E2
e
20X b
L
K
NOTE 1
1
2
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More