công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F570 bảng dữ liệu(PDF) 67 Page - Microchip Technology

tên linh kiện PIC16F570
Giải thích chi tiết về linh kiện  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 bảng dữ liệu(HTML) 67 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 63Page - Microchip Technology PIC16F570 Datasheet HTML 64Page - Microchip Technology PIC16F570 Datasheet HTML 65Page - Microchip Technology PIC16F570 Datasheet HTML 66Page - Microchip Technology PIC16F570 Datasheet HTML 67Page - Microchip Technology PIC16F570 Datasheet HTML 68Page - Microchip Technology PIC16F570 Datasheet HTML 69Page - Microchip Technology PIC16F570 Datasheet HTML 70Page - Microchip Technology PIC16F570 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 67
PIC16F527
12.0 OPERATIONAL AMPLIFIER
(OPA) MODULE
The OPA module has the following features:
• Two independent Operational Amplifiers
• External connections to all ports
• 3 MHz Gain Bandwidth Product (GBWP)
12.1
OPACON Register
The OPA module is enabled by setting the OPAxON bit
of the OPACON Register.
FIGURE 12-1:
OPA MODULE BLOCK DIAGRAM
Note:
When OPA1 or OPA2 is enabled, the OP1
pin or OP2 pin, respectively, is driven by
the op amp output, not by the port driver.
Refer to Table 15-5 for the electrical spec-
ifications for the op amp output drive
capability.
OPA1
OPACON<OPA1ON>
To ADC and Comparator MUXs
OP1+
OP1-
OP1
OPA2
OPACON<OPA2ON>
OP2+
OP2-
OP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More