công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F570 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện PIC16F570
Giải thích chi tiết về linh kiện  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 2Page - Microchip Technology PIC16F570 Datasheet HTML 3Page - Microchip Technology PIC16F570 Datasheet HTML 4Page - Microchip Technology PIC16F570 Datasheet HTML 5Page - Microchip Technology PIC16F570 Datasheet HTML 6Page - Microchip Technology PIC16F570 Datasheet HTML 7Page - Microchip Technology PIC16F570 Datasheet HTML 8Page - Microchip Technology PIC16F570 Datasheet HTML 9Page - Microchip Technology PIC16F570 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
PIC16F527
DS40001652C-page 6
 2012-2014 Microchip Technology Inc.
2.0
PIC16F527 DEVICE VARIETIES
A variety of packaging options are available.
Depending
on
application
and
production
requirements, the proper device option can be selected
using the information in this section. When placing
orders,
please
use
the
PIC16F527
Product
Identification System at the back of this data sheet to
specify the correct part number.
2.1
Quick Turn Programming (QTP)
Devices
Microchip offers a QTP programming service for
factory production orders. This service is made
available for users who choose not to program
medium-to-high quantity units and whose code
patterns have stabilized. The devices are identical to
the Flash devices but with all Flash locations and fuse
options already programmed by the factory. Certain
code and prototype verification procedures do apply
before production shipments are available. Please
contact your local Microchip Technology sales office for
more details.
2.2
Serialized Quick Turn
ProgrammingSM (SQTPSM) Devices
Microchip offers a unique programming service, where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers may be random,
pseudo-random or
sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry code,
password or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More