công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN260 bảng dữ liệu(PDF) 41 Page - STMicroelectronics

tên linh kiện SN260
Giải thích chi tiết về linh kiện  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 bảng dữ liệu(HTML) 41 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 37Page - STMicroelectronics SN260 Datasheet HTML 38Page - STMicroelectronics SN260 Datasheet HTML 39Page - STMicroelectronics SN260 Datasheet HTML 40Page - STMicroelectronics SN260 Datasheet HTML 41Page - STMicroelectronics SN260 Datasheet HTML 42Page - STMicroelectronics SN260 Datasheet HTML 43Page - STMicroelectronics SN260 Datasheet HTML 44Page - STMicroelectronics SN260 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
SN260
EmberZNet serial protocol
41/88
7.3.2
Structure definitions
Table 23.
Structure definitions
Structure
Field
Description
EmberNetworkParameters
Network parameters.
int16u panId
The network's PAN identifier.
int8s radioTxPower
A power setting, in dBm.
int8u radioChannel
A radio channel.
EmberApsFrame
ZigBee APS frame parameters.
int16u profileId
The application profile ID that describes the format of
the message.
int8u clusterId
The cluster ID for this message.
int8u sourceEndpoint
The source endpoint.
int8u destinationEndpoint The destination endpoint.
EmberUnicastOption
options
A bitmask of options.
EmberBindingTableEntry
An entry in the binding table.
EmberBindingType type
The type of binding.
int8u local
The endpoint on the local node.
int8u remote
The endpoint on the remote node (specified by
identifier).
int8u clusterId
A cluster ID that matches one from the local endpoint's
simple descriptor. This cluster ID is set by the
provisioning application to indicate which part an
endpoint's functionality is bound to this particular
remote node and is used to distinguish between unicast
and multicast bindings.
A binding can be used to send messages with any
cluster ID, not just the one listed in the binding.
EmberEUI64 identifier
A 64-bit identifier. This is either the destination EUI64
(for unicasts) or the 64-bit group address (for
multicasts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88