| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN260 bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN260 bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 88 page ![]() SN260 EmberZNet serial protocol 53/88 7.3.5 Utilities frames Response parameters: EzspConfigStatus status EZSP_CONFIG_SUCCESS if the policy was read successfully, EZSP_CONFIG_INVALID_ID if the SN260 does not recognize policyId . EzspDecisionId decisionId The current decision for the specified policy. Table 44. getPolicy (continued) Table 45. nop Name: nop ID: 0x05 Description: A transaction which does nothing. The Host can use this to set the sleep mode or to check the status of the SN260. Command parameters: None Response parameters: None Table 46. invalidCommand Name: invalidCommand ID: 0x58 Description: Indicates that the SN260 received a command containing an unsupported frame ID. This frame is a response to an invalid command. Response parameters: None Table 47. callback Name: callback ID: 0x06 Description: Allows the SN260 to respond with a pending callback. Command parameters: None The response to this command can be any of the callback responses. Table 48. noCallbacks Name: noCallbacks ID: 0x07 Description: Indicates that there are currently no pending callbacks. This frame is a response to the callback command. Response parameters: None Table 49. reset Name: reset ID: 0x08 Description: Allows the Host to reset the SN260. Command parameters: None Response parameters: None |