| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN260 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN260 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 88 page ![]() EmberZNet serial protocol SN260 40/88 7.3.1 Type definitions Table 22. Type definitions Type Alias Description boolean int8u True or false. EzspConfigId int8u Identifies a configuration value. EzspConfigTxPowerMode int16u Values for EZSP_CONFIG_TX_POWER_MODE. EzspConfigStatus int8u Return type for configuration commands. EzspPolicyId int8u Identifies a policy. EzspDecisionId int8u Identifies a policy decision. EmberStatus int8u Return type for stack functions. EmberEventUnits int8u Either marks an event as inactive or specifies the units for the event execution time. EmberNodeType int8u The type of the node. EmberNetworkStatus int8u The possible join states for a node. EmberIncomingMessageType int8u Incoming message types. EmberBindingType int8u Binding types. EmberUnicastOption int8u Options to use when sending a unicast message. EmberNetworkScanType int8u Network scan types. EmberJoinDecision int8u Decision made by the trust center when a node attempts to join. EmberNodeId int16u 16-bit ZigBee network address. EmberPanId int16u 802.15.4 PAN ID. EmberEUI64 int8u[8] EUI 64-bit ID (an IEEE address). |